Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5205A-1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5205A-1
Description  5.0 A Adjustable Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5205A-1 Datasheet(HTML) 7 Page - ON Semiconductor

  CS5205A-1 Datasheet HTML 1Page - ON Semiconductor CS5205A-1 Datasheet HTML 2Page - ON Semiconductor CS5205A-1 Datasheet HTML 3Page - ON Semiconductor CS5205A-1 Datasheet HTML 4Page - ON Semiconductor CS5205A-1 Datasheet HTML 5Page - ON Semiconductor CS5205A-1 Datasheet HTML 6Page - ON Semiconductor CS5205A-1 Datasheet HTML 7Page - ON Semiconductor CS5205A-1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CS5205A−1
http://onsemi.com
7
PACKAGE DIMENSIONS
TO−220−3
T SUFFIX
CASE 221A−08
ISSUE AA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
A
K
L
G
D
N
H
Q
F
12 3
4
−T− SEATING
PLANE
S
R
J
U
T
C
3 PL
−B−
−Y−
M
B
M
0.25 (0.010)
Y
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.560
0.625
14.23
15.87
B
0.380
0.420
9.66
10.66
C
0.140
0.190
3.56
4.82
D
0.025
0.035
0.64
0.89
F
0.139
0.155
3.53
3.93
G
0.100 BSC
2.54 BSC
H
−−−
0.280
−−−
7.11
J
0.012
0.045
0.31
1.14
K
0.500
0.580
12.70
14.73
L
0.045
0.060
1.15
1.52
N
0.200 BSC
5.08 BSC
Q
0.100
0.135
2.54
3.42
R
0.080
0.115
2.04
2.92
S
0.020
0.055
0.51
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
V
0.045
−−−
1.15
−−−
D2PAK−3
DP SUFFIX
CASE 418AB−01
ISSUE O
For D2PAK Outline and
Dimensions − Contact Factory
PACKAGE THERMAL DATA
Parameter
TO−220−3
D2PAK−3
Unit
RΘJC
Typical
1.6
1.6
°C/W
RΘJA
Typical
50
10−50*
°C/W
* Depending on thermal properties of substrate. RΘJA = RΘJC + RΘCA


Similar Part No. - CS5205A-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5205A-1 CHERRY-CS5205A-1 Datasheet
154Kb / 6P
   5A Adjustable Linear Regulator
CS5205A-1GDP3 CHERRY-CS5205A-1GDP3 Datasheet
154Kb / 6P
   5A Adjustable Linear Regulator
CS5205A-1GDPR3 CHERRY-CS5205A-1GDPR3 Datasheet
154Kb / 6P
   5A Adjustable Linear Regulator
CS5205A-1GT3 CHERRY-CS5205A-1GT3 Datasheet
154Kb / 6P
   5A Adjustable Linear Regulator
More results

Similar Description - CS5205A-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
logo
Solid States Devices, I...
SVR003 SSDI-SVR003_15 Datasheet
103Kb / 3P
   ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
Cherry Semiconductor Co...
CS52015-1 CHERRY-CS52015-1 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com