Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5207A-1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5207A-1
Description  7.0 A LDO 3?뭁in Adjustable Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5207A-1 Datasheet(HTML) 7 Page - ON Semiconductor

  CS5207A-1 Datasheet HTML 1Page - ON Semiconductor CS5207A-1 Datasheet HTML 2Page - ON Semiconductor CS5207A-1 Datasheet HTML 3Page - ON Semiconductor CS5207A-1 Datasheet HTML 4Page - ON Semiconductor CS5207A-1 Datasheet HTML 5Page - ON Semiconductor CS5207A-1 Datasheet HTML 6Page - ON Semiconductor CS5207A-1 Datasheet HTML 7Page - ON Semiconductor CS5207A-1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CS5207A−1
http://onsemi.com
7
The maximum ambient temperature and the power
dissipation are determined by the design while the
maximum junction temperature and the thermal resistance
depend on the manufacturer and the package type. The
maximum power dissipation for a regulator is:
PD(max) + (VIN(max) * VOUT(min))IOUT(max) ) VIN(max)
IIN(max)
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air. Each material in the heat flow path
between the IC and the outside environment has a thermal
resistance. Like series electrical resistances, these
resistances are summed to determine the total thermal
resistance between the die junction and the surrounding air,
RΘJC. This total thermal resistance is comprised of three
components. These resistive terms are measured from
junction to case (RΘJC), case to heat sink (RΘCS), and heat
sink to ambient air (RΘSA). The equation is:
RQJA + RQJC ) RQCS ) RQSA
RΘJC is rated @ 1.4°C/W for the CS5207A−1. For a high
current regulator such as the CS5207A−1 the majority of
heat is generated in the power transistor section. The value
for RΘSA depends on the heat sink type, while the RΘCS
depends on factors such as package type, heat sink interface
(is an insulator and thermal grease used?), and the contact
area between the heat sink and the package. Once these
calculations are complete, the maximum permissible value
of RΘJA can be calculated and the proper heat sink selected.
For further discussion on heat sink selection, see application
note
“Thermal
Management,”
document
number
AND8036/D, available through the Literature Distribution
Center or via our website at http://onsemi.com.


Similar Part No. - CS5207A-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1GT3 CHERRY-CS5207A-1GT3 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
More results

Similar Description - CS5207A-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com