Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8121 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8121
Description  5V, 1A Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8121 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8121 Datasheet HTML 1Page - ON Semiconductor CS8121 Datasheet HTML 2Page - ON Semiconductor CS8121 Datasheet HTML 3Page - ON Semiconductor CS8121 Datasheet HTML 4Page - ON Semiconductor CS8121 Datasheet HTML 5Page - ON Semiconductor CS8121 Datasheet HTML 6Page - ON Semiconductor CS8121 Datasheet HTML 7Page - ON Semiconductor CS8121 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: IOUT = 5mA, -40°C ≤ TJ ≤150°C , 7V ≤ VIN ≤ 26V, -40°C ≤ TA ≤ 125°C unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
DC Input Voltage ...........................................................................................................................................................-0.7 to 26V
Peak Transient Voltage (46V Load Dump).............................................................................................................................60V
Output Current .................................................................................................................................................Internally Limited
Electrostatic Discharge (Human Body Model) ......................................................................................................................2kV
Operating, Temperature ..........................................................................................................................................-40C to 125°C
Junction Temperature...............................................................................................................................................-40C to 150°C
Storage Temperatures.............................................................................................................................................-55°C to 150°C
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260°C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183°C, 230°C peak
s Output Stage
Output Voltage, VOUT
7V
≤ V
IN ≤ 26V, 1mA ≤ IOUT ≤ 1A
4.8
5.0
5.2
V
Line Regulation
7V
≤ V
IN ≤ 26V, IOUT = 5mA
0
50
mV
Load Regulation
5mA
≤ I
OUT ≤ 1A
10
70
mV
Supply Voltage Rejection
VIN = 14VDC + 1VRMS
54
70
dB
@120Hz, ILOAD = 50Ω
Dropout Voltage
IOUT = 1A
1.2
1.8
V
Quiescent Current
= High, VIN = 12V
0.25
0.65
mA
= Low, IOUT = 1A
4
20
mA
s Protection Circuits
Short Circuit Current
1.5
A
Thermal Shutdown
150
190
°C
Overvoltage Shutdown
26
40
V
s
Saturation Voltage
1V < VOUT < VRT(OFF), 3.1kΩ pull-up
0.1
0.4
V
to VOUT
Output Leakage
= Low
0
25
µA
Current
VOUT > VRT(ON), V
= VOUT
Power ON/OFF
3.1k
Ω pull-up to V
OUT
0.7
1.0
V
Peak Output Voltage
Threshold ON
VOUT - 0.10
VOUT - 0.04
V
(VOUT Increasing)
Threshold OFF
4.75
VOUT - 0.14
V
(VOUT Decreasing)
Threshold Hysteresis
10
40
mV
s
Input High Voltage
7V < VIN < 26V
2.9
3.9
V
Input Low Voltage
7V < VIN < 26V
1.1
2.1
V
Input Hysteresis
7V < VIN < 26V
0.4
0.8
2.8
V
Input Current
Gnd < VIN(HI) < VOUT
0±10
µA
ENABLE
RESET
RESET
RESET
RESET
RESET
ENABLE
RESET
RESET
RESET
ENABLE
ENABLE


Similar Part No. - CS8121

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
   4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
Cherry Semiconductor Co...
CS8121YDPS7 CHERRY-CS8121YDPS7 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8121YDPSR7 CHERRY-CS8121YDPSR7 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8121YT5 CHERRY-CS8121YT5 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
More results

Similar Description - CS8121

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
logo
NTE Electronics
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
logo
ACE Technology Co., LTD...
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
List of Unclassifed Man...
AME7805 ETC1-AME7805 Datasheet
150Kb / 14P
   1A Positive Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com