Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F6AC8ALU-EJ-H Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC87F6AC8ALU-EJ-H
Description  CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F6AC8ALU-EJ-H Datasheet(HTML) 5 Page - ON Semiconductor

  LC87F6AC8ALU-EJ-H Datasheet HTML 1Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 2Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 3Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 4Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 5Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 6Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 7Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 8Page - ON Semiconductor LC87F6AC8ALU-EJ-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LC87F6AC8A
No.A0145-5/34
System clock divider function
• Capable of run
The minimum instruction cycle time can be selected from among 300ns, 600ns, 1.2
μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs,
38.4
μs, and 76.8μs (at a main clock rate of 10MHz).ning on low current.
Clock output function
<1> Capable of generating 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, or 1/64 of the source clock that is selected as the system
clock.
<2> Capable of generating the source clock for the subclock.
Standby function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation. (The VFD
display function and part of the serial transfer functions are disabled.)
<1> Oscillation is not halted automatically.
<2> Released by system reset or occurrence of an interrupt.
• HOLD mode: Suspends instruction execution and operation of the peripheral circuits.
<1> The CF oscillator, RC oscillator, crystal oscillator, and multifrequency RC oscillator automatically stop
operation.
<2> There are three ways of releasing HOLD mode:
1) Setting the reset pin to a low level
2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
3) Establishing an interrupt source at port 0
• X’tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
<1> The CF oscillator, RC oscillator, and multifrequency RC oscillator automatically stop operation.
<2> The crystal oscillator retains the state when X’tal HOLD mode is entered.
<3> There are four ways of releasing X’tal HOLD mode:
1) Setting the reset pin to a low level
2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
3) Establishing an interrupt source at port 0
4) Establishing an interrupt source in the base timer circuit
On-chip debugger function
• Supports software debugging with the microcontroller mounted on the target device
Development tools
• Evaluation chip: LC87EV690
• Flash ROM programming board: W87FQ100
User Option Selection
Emulator
LC876A00 series compatible
EVA62S + ECB876600D + SUB876A00 + POD100QFP
ICE-B877300 + SUB876A00 + POD100QFP
LC876B00 series compatible
EVA62S + ECB876600D + SUB876B00 + POD100QFP
ICE-B877300 + SUB876B00 + POD100QFP
Same package and pin assignment as mask ROM version
• The LC87F6AC8A allows the user to specify the optional functions of the LC876A00 or LC876B00 series
microcontrollers in the form of flash ROM data (note, however, that pins S32 to S47 are not provided with an internal
pull-down resistor). This makes it possible to conduct sample tests using the production model circuit board.
• When a program that is designed for the mask ROM version is applied to the LC87F6AC8A, the size of ROM and
RAM that can be used is the same as that of the mask ROM version of the microcontrtoller.


Similar Part No. - LC87F6AC8ALU-EJ-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC87F69C8A SANYO-LC87F69C8A Datasheet
393Kb / 28P
   8 BIT 1 CHIP MICROCONTROLLER
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F6AC8ALU-EJ-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com