Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1048-6-TB-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SD1048-6-TB-E
Description  Bipolar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1048-6-TB-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SD1048-6-TB-E Datasheet HTML 1Page - ON Semiconductor 2SD1048-6-TB-E Datasheet HTML 2Page - ON Semiconductor 2SD1048-6-TB-E Datasheet HTML 3Page - ON Semiconductor 2SD1048-6-TB-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB815 / 2SD1048
No.694-3/4
100
10
23
5
1.0
23
5
1000
23
5
2 3
5
10
23
5
1.0
23
5
7
57
0
--100
--200
--300
--400
--500
--600
--700
--800
0
--0.1
--0.2
--0.3
--0.4
--0.5
IB=0mA
ITR08396
ITR08397
ITR08400
ITR08401
ITR08399
1.0
2
3
5
7
10
2
3
5
--30mA
--10mA
--2mA
--1mA
--6mA
0
100
200
300
400
500
600
700
800
0
0.1
0.2
0.3
0.4
0.5
IB=0mA
1mA
2mA
4mA
6mA
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
Base to Emitter Voltage, VBE -- V
IB -- VBE
ITR08398
10
100
2
3
5
7
1000
2
3
5
7
10
1.0
23
5
7
100
23
5
7
10
100
2
3
5
7
1000
2
3
5
7
(For PNP, minus sign is omitted.)
2SB815
2SD1048
2SB815
2SD1048
2SB815
2SD1048
2SB815
2SD1048
VCE=5V
VCE=10V
VCE=2V
f=1MHz
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
f T -- IC
Collector Current, IC -- mA
Collector to Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
100
10
23
5
1.0
23
5
1000
23
5
1000
2
3
5
100
10000
2
3
5
2
3
5
10
5
ITR08402
IC / IB=10
ITR08403
0
20
40
60
80
100
120
140
0
150
100
200
250
300
50
2SB815
2SD1048
(For PNP, minus sign is omitted.)
Ambient Temperature, Ta --
°C
PC -- Ta
Collector Current, IC -- mA
VCE(sat) -- IC


Similar Part No. - 2SD1048-6-TB-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1048-6-TB-E ONSEMI-2SD1048-6-TB-E Datasheet
256Kb / 6P
   Bipolar Transistor
September, 2013
2SD1048-6-TB-E ONSEMI-2SD1048-6-TB-E Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
More results

Similar Description - 2SD1048-6-TB-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com