Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385DM-25 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LM385DM-25
Description  1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LM385DM-25 Datasheet(HTML) 4 Page - Microsemi Corporation

  LM385DM-25 Datasheet HTML 1Page - Microsemi Corporation LM385DM-25 Datasheet HTML 2Page - Microsemi Corporation LM385DM-25 Datasheet HTML 3Page - Microsemi Corporation LM385DM-25 Datasheet HTML 4Page - Microsemi Corporation LM385DM-25 Datasheet HTML 5Page - Microsemi Corporation LM385DM-25 Datasheet HTML 6Page - Microsemi Corporation LM385DM-25 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1.2 & 2.5V MICROPOWER VOLTAGE R EFERENCE
LM385/385B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1996
Rev. 1.2
7/96
4
P RODUCTION D ATA S HEET
CHARACTERISTIC CUR VES — LM385/385B-1.2V
FIGURE 2. — REVERSE CHARACTERISTICS
FIGURE 3. — FORWARD CHARACTERISTICS
FIGURE 4. — TEMPERATURE DRIFT
FIGURE 1. — RESPONSE TIME
Reverse Voltage - (V)
0.1
0
0.2
0.4
0.6
0.8
1.0
1
10
100
T
A = 0 to 70°C
1.2
1.4
0
Forward Current - (mA)
0.4
0.01
0.1
1
10
100
0.8
1.2
T
A = 25°C
Temperature - (°C)
1.226
020
30
40
60
70
1.23
1.236
1.242
1.232
1.24
10
50
1.228
1.234
1.238
I
R = 100µA
Time - (µs)
0
5V
0
1.0V
0.5V
1.5V
V
IN
V
OUT
36k
0
50
100
500
550


Similar Part No. - LM385DM-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM385DM-2.5 ETC-LM385DM-2.5 Datasheet
154Kb / 7P
   1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - LM385DM-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM385 ETC-LM385 Datasheet
154Kb / 7P
   1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
   2.5V micropower shunt voltage reference
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
   1.2V / 2.5V Micropower Voltage Reference
SPX1004 SIPEX-SPX1004_07 Datasheet
793Kb / 9P
   1.2V / 2.5V Micropower Voltage Reference
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
   2.5V micropower shunt voltage reference
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
REF1004 TI1-REF1004 Datasheet
254Kb / 12P
[Old version datasheet]   1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com