Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBRP1545 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SMBRP1545
Description  Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBRP1545 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SMBRP1545_15 Datasheet HTML 1Page - GOOD-ARK Electronics SMBRP1545_15 Datasheet HTML 2Page - GOOD-ARK Electronics SMBRP1545_15 Datasheet HTML 3Page - GOOD-ARK Electronics SMBRP1545_15 Datasheet HTML 4Page - GOOD-ARK Electronics SMBRP1545_15 Datasheet HTML 5Page - GOOD-ARK Electronics SMBRP1545_15 Datasheet HTML 6Page - GOOD-ARK Electronics SMBRP1545_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
苏州固锝电子股份有限公司             
4 / 7
3.Features& Mechanical Characteristics
Features
Plastic package has underwriters Laboratory Flammability Classification 94V-0
● For surface mounted application
● Metal of silicon rectifier,majority carrier conduction
● Low forward voltage,high efficiency
● Guarding for over voltage protection
● For use in low voltage,high frequency inverters,
● Free wheeling,and polarity protection applications
Mechanical Characteristics
● Case:Epoxy,Molded
● Weight: 0.1grams(approximately)
● Finish:All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
● Shipped tape reel packing 3000/reel
4.Maximum Ratings and Electrical Characteristics
MAXIMUM RATINGS and ELECTRICAL CHARACTERISTICS(TC=25°C unless otherwise moted)
PARAMETER
TEST CONDITIONS
SYMBOL
SMBRP1545
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Working peak reverse voltage
VRWM
45
V
Maximum DC blocking voltage
VDC
45
V
Maximum average forward rectified current at
Tc=105°C total device per diode
IF(AV)
15
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
200
A
Peak repetitive reverse current per leg at tp=2.0us ,1KHz
IRRM
1.0
A
Voltage rate of change(rated VR)
DV/dt
10000
V/us
Operating junction temperature range
TJ
―55 to+150
°C
Storage temperature range
TSTG
―55 to+150
°C
Maximum instantaneous forward voltage per leg
IF=1A
IF=10A
IF=15A
TC=25℃
TC=25℃
TC=25℃
VF
0.30(Type)
0.43/(0.40Type)
0.47
V
Maximum reverse current per leg at working peak
Reverse voltage
TJ=25℃
IR
500
uA
Thermal Characteristics Ta=25
unless otherwise noted
Symbol
Parameter
Type Value
Unit
RθJC
Thermal Resistance,Junction to Case per Leg
2.5
°C /W
RθJA
Thermal Resistance,Junction to Ambient per Leg
50
°C /W
Note:
1. Pulse test:300us pulse width, duty cycle=2%


Similar Part No. - SMBRP1545_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SMBRP1545 GOOD-ARK-SMBRP1545 Datasheet
406Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SMBRP1545_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com