Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91070 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91070
Description  Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91070 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91070 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91070 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91070 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A-967
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RF Leakage -90 dB min from 2 to 3 GHz
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz PE91070
URL: http://www.pasternack.com/2.92mm-male-2.92mm-female-radius-right-angle-adapter-pe91070-p.aspx
PE91070
PE91070 REV 1.0
Precision 2.92mm Male to 2.92mm Female
Radius Right Angle Adapter Up To 40GHz


Similar Part No. - PE91070

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9107 PASTERNACK-PE9107 Datasheet
75Kb / 2P
   BNC MALE TO UHF FEMALE
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
   SMP Female to SMP Female Adapter .370 Special Length
PE91073 PASTERNACK-PE91073 Datasheet
258Kb / 3P
   TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent
PE91074 PASTERNACK-PE91074 Datasheet
246Kb / 3P
   Precision SMA Female to ZMA Jack Adapter 3 Lug
PE91075 PASTERNACK-PE91075 Datasheet
249Kb / 3P
   Precision SMA Female to ZMA Plug Adapter 3 Lug
More results

Similar Description - PE91070

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
   Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
   Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
   Precision 2.92mm Male to 2.92mm Female Adapter
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Adapter
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
   Precision 2.92mm Male to 2.92mm Male Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
   Precision 2.92mm Female to N Male Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
   Precision 2.92mm Male to 2.4mm Female Adapter
PE9768 PASTERNACK-PE9768 Datasheet
255Kb / 3P
   Precision 2.92mm Female to SSMA Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com