Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4953 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # FDS4953
Description  EVALUATION KIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FDS4953 Datasheet(HTML) 2 Page - Microsemi Corporation

  FDS4953 Datasheet HTML 1Page - Microsemi Corporation FDS4953 Datasheet HTML 2Page - Microsemi Corporation FDS4953 Datasheet HTML 3Page - Microsemi Corporation FDS4953 Datasheet HTML 4Page - Microsemi Corporation FDS4953 Datasheet HTML 5Page - Microsemi Corporation FDS4953 Datasheet HTML 6Page - Microsemi Corporation FDS4953 Datasheet HTML 7Page - Microsemi Corporation FDS4953 Datasheet HTML 8Page - Microsemi Corporation FDS4953 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LXE1710 EVALUATION BOARD
USER GUIDE
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.1, 2000-12-01
INTRODUCING LX1710/1711 AUDIOMAX
Thank you for your interest in the latest generation of AudioMAX products. The enclosed LXE1710 evaluation
board is a fully functional mono amplifier designed to demonstrate the “new and improved” Switching Class-D
Power Amplifier IC from Linfinity Microsemi. The LX1710/1711 is a completely new controller design with
superior performance over the LX1720 stereo controller IC. Key improvements include better SNR, lower noise
floor, and reduced THD therefore resulting in a much “quieter” and “cleaner” sounding amplifier.
The evaluation board has been configured with easy-to-use terminal block connections for power supply/battery hook
up and speaker connections. An RCA jack or separate audio +/- pins allow a quick interface to your audio source.
Jumpers are also provided to enable/disable the amplifier (Sleep control) and to turn off the audio input (Mute
control). With minimal setup, the user can be listening to the amplifier in a matter of a few minutes.
Both the LX1710 and LX1711 operate from a single supply voltage.
The LXE1710 evaluation board can
                   !e
LX1711 can handle a higher supply voltage (7V to 25V) and provides greater than 50W continuous output power
  !     "  "      !      "   
change frequency response for other load optimization.
Thank you again for your interest in the new “quieter”, high efficiency Class-D Audio Amplifier from Linfinity
Microsemi. Please let us know what you think and stay tuned for future product releases to our AudioMAX family
of products.
Regards,
Linfinity Microsemi
http://www.linfinity.com
(714) 898-8121


Similar Part No. - FDS4953

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS4953 FAIRCHILD-FDS4953 Datasheet
97Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS4953-NL VBSEMI-FDS4953-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS4953 FAIRCHILD-FDS4953_02 Datasheet
97Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
More results

Similar Description - FDS4953

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com