Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91197 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91197
Description  Bulkhead 4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91197 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91197 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91197 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91197 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
4.1/9.5 Mini DIN Female
Impedance 1
50 Ohms
Connector 2
4.1/9.5 Mini DIN Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range
DC to 6 GHz
Maximum VSWR
1.25:1
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.1:1
Frequency 2
Frequency, GHz
3 to 4
VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
1.598 [40.59]
.
Connector 1
Type
4.1/9.5 Mini DIN Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
4.1/9.5 Mini DIN Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Environmental Specifications
Temperature
Operating Range
-55 to +120 deg C
Ingress Protection
IP67 Mated
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead 4.1/9.5 Mini DIN Female to 4.1/9.5 Mini DIN Female Adapter IP67 Mated PE91197
PE91197
PE91197 REV 1.0
Bulkhead 4.1/9.5 Mini DIN Female to 4.1/9.5
Mini DIN Female Adapter IP67 Mated


Similar Part No. - PE91197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
   SMC PLUG TO SMC JACK
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91192 PASTERNACK-PE91192 Datasheet
373Kb / 3P
   7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91193 PASTERNACK-PE91193 Datasheet
364Kb / 3P
   Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
More results

Similar Description - PE91197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91196 PASTERNACK-PE91196 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91195 PASTERNACK-PE91195 Datasheet
360Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91234 PASTERNACK-PE91234 Datasheet
368Kb / 3P
   Bulkhead 4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91233 PASTERNACK-PE91233 Datasheet
357Kb / 3P
   4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91194 PASTERNACK-PE91194 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
PE91220 PASTERNACK-PE91220 Datasheet
337Kb / 3P
   Bulkhead 4.1/9.5 Mini DIN Female to N Female Adapter IP67 Mated
PE91232 PASTERNACK-PE91232 Datasheet
359Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91218 PASTERNACK-PE91218 Datasheet
376Kb / 3P
   4.1 - 9.5 Mini DIN Female to N Female Adapter IP67 Mated
PE91210 PASTERNACK-PE91210 Datasheet
365Kb / 3P
   Bulkhead 7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91208 PASTERNACK-PE91208 Datasheet
359Kb / 3P
   7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com