Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91246 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91246
Description  7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91246 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91246 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91246 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91246 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/16/2014
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
7/16 DIN Female to 4.1/9.5 Mini DIN Male Adapter IP67 UnMated from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female to 4.1/9.5 Mini DIN Male Adapter IP67 UnMated PE91246
URL: http://www.pasternack.com/7-16-female-4.1-9.5-mini-din-male-straight-adapter-pe91246-p.aspx
PE91246
PE91246 REV 1.0
7/16 DIN Female to 4.1/9.5 Mini DIN Male Adapter IP67 UnMated


Similar Part No. - PE91246

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9124 PASTERNACK-PE9124 Datasheet
251Kb / 3P
   N Male to C Female Adapter
PE91240 PASTERNACK-PE91240 Datasheet
355Kb / 3P
   TNC Male to TNC Female Adapter IP67 UnMated
PE91241 PASTERNACK-PE91241 Datasheet
353Kb / 3P
   TNC Female to TNC Female Adapter IP67 UnMated
PE91242 PASTERNACK-PE91242 Datasheet
361Kb / 3P
   Bulkhead TNC Female to TNC Female Adapter IP67 UnMated
PE91243 PASTERNACK-PE91243 Datasheet
360Kb / 3P
   7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
More results

Similar Description - PE91246

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91244 PASTERNACK-PE91244 Datasheet
359Kb / 3P
   7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91245 PASTERNACK-PE91245 Datasheet
358Kb / 3P
   7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91232 PASTERNACK-PE91232 Datasheet
359Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91243 PASTERNACK-PE91243 Datasheet
360Kb / 3P
   7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE91233 PASTERNACK-PE91233 Datasheet
357Kb / 3P
   4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91231 PASTERNACK-PE91231 Datasheet
357Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE91247 PASTERNACK-PE91247 Datasheet
366Kb / 3P
   Bulkhead 7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91234 PASTERNACK-PE91234 Datasheet
368Kb / 3P
   Bulkhead 4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91207 PASTERNACK-PE91207 Datasheet
361Kb / 3P
   7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91209 PASTERNACK-PE91209 Datasheet
359Kb / 3P
   7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com