Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F2R04A Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC87F2R04A
Description  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2R04A Datasheet(HTML) 4 Page - ON Semiconductor

  LC87F2R04A Datasheet HTML 1Page - ON Semiconductor LC87F2R04A Datasheet HTML 2Page - ON Semiconductor LC87F2R04A Datasheet HTML 3Page - ON Semiconductor LC87F2R04A Datasheet HTML 4Page - ON Semiconductor LC87F2R04A Datasheet HTML 5Page - ON Semiconductor LC87F2R04A Datasheet HTML 6Page - ON Semiconductor LC87F2R04A Datasheet HTML 7Page - ON Semiconductor LC87F2R04A Datasheet HTML 8Page - ON Semiconductor LC87F2R04A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LC87F2R04A
No.A1622-4/25
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• Internal oscillation circuits
Medium-speed RC oscillation circuit:
For system clock (1MHz)
Multifrequency RC oscillation circuit:
For system clock (8MHz)
• External oscillation circuits
Hi-speed CF oscillation circuit:
For system clock, with internal Rf
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 300ns, 600ns, 1.2μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs, and
76.8
μs (at a main clock rate of 10MHz).
Internal reset function
• Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level can be selected from 8 levels (1.67V, 1.97V, 2.07V, 2.37V, 2.57V, 2.87V, 3.86V, and
4.35V) through option configuration.
• Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power voltage falls
below a certain level.
2) The use/disuse of the LVD function and the low voltage threshold level (7 levels: 1.91V, 2.01V, 2.31V, 2.51V,
2.81V, 3.79V, 4.28V).
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) There are three ways of resetting the HALT mode.
(1) Setting the reset pin to the low level
(2) System resetting by watchdog timer or low-voltage detection
(3) Occurrence of an interrupt
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, RC and crystal oscillators automatically stop operation.
2) There are four ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level.
(2) System resetting by watchdog timer or low-voltage detection
(3) Having an interrupt source established at either INT0, INT1, INT2, INT4
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(4) Having an interrupt source established at port 0.
On-chip Debugger
• Supports software debugging with the IC mounted on the target board.
• Software break point setting for debugger.
• Stepwise execution on debugger.
• Real time RAM data monitoring function on debugger.
All the RAM data map can be monitored on screen when the program is running.
(The RAM & SFR data can be changed by screen patch when the program is running)
• Two channels of on-chip debugger pins are available to be compatible with small pin count devices.
DBGP0 (P0), DBGP1 (P1)
Data Security Function (flash versions only)
• Protects the program data stored in flash memory from unauthorized read or copy.
Note: This data security function does not necessarily provide absolute data security.


Similar Part No. - LC87F2R04A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2R04A SANYO-LC87F2R04A Datasheet
167Kb / 24P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC87F2R04A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com