Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F0A08AUEB-NH Datasheet(PDF) 8 Page - ON Semiconductor

Part # LC87F0A08AUEB-NH
Description  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0A08AUEB-NH Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC87F0A08AUEB-NH Datasheet HTML 4Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 5Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 6Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 7Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 8Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 9Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 10Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 11Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LC87F0A08A
No.A1535-8/24
Pin Description
Pin Name
I/O
Description
Option
VSS1
-
- power supply pin
No
VDD1
-
+ power supply pin
No
VDD2
-
+ power supply pin
No
AVSS
-
- power supply pin
No
VREF
O
Reference voltage output
No
Port 0
I/O
 8-bit I/O port
 I/O specifiable in 1-bit units.
 Pull-up resistors can be turned on and off in 1-bit units.
 Pin functions
P00 (AN0), P01 (AN1): AD converter input port with 20x operational amplifier
P02: AD converter input port (AN2)/comparator input (CPIM)
P03: AD converter input port (AN3)
P04: AD converter input port (AN4)
P05: System clock output/on-chip debugger pin (DBGP00)
P06: On-chip debugger pin (DBGP01)
P07: On-chip debugger pin (DBGP02)
Yes
P00 to P07
Port 1
I/O
 8-bit I/O port
 I/O specifiable in 1-bit units.
 Pull-up resistors can be turned on and off in 1-bit units.
 Current controllable in 1-bit units.
5mA (default), 10mA, 15mA, no current control
 Pin functions
P10: SIO1 data output
P11: SIO1 data input/bus input/output
P12: SIO1 clock input/output
P13, P14: INT4 input/HOLD release input/timer 1 event input/timer 0L capture input/
timer 0H capture input
P15: INT3 input(with noise filter)/timer 0 event input/timer 0H capture input/
AD converter input port (AN5)
P16: Timer 1 PWML output/INT2 input/HOLD release input/timer 0 event input/
timer 0L capture input/comparator output (CPOUT)
P17: Timer 1 PWMH output/beeper output/INT1 input/HOLD release input/timer 0H capture input
Interrupt acknowledge type
P10, P11
options
not available
P12 to P17
options
available
P10 to P17
Rising
Falling
Rising &
Falling
H level
L level
INT1
INT2
INT3
INT4
enable
enable
enable
enable
enable
enable
enable
enable
disable
enable
enable
enable
enable
disable
disable
disable
enable
disable
disable
disable
Port 2
I/O
 8-bit I/O port
 I/O specifiable in 1-bit units.
 Pull-up resistors can be turned on and off in 1-bit units.
 Current controllable in 1-bit units.
5mA (default), 10mA, 15mA, no current control
Yes
Port 3
I/O
 3-bit I/O port
 I/O specifiable in 1-bit units.
 Pull-up resistors can be turned on and off in 1-bit units.
 Pin functions
P30: AD converter input port (AN6)
P31: AD converter input port (AN7)
P32: AD converter input port (AN8)
Yes
Continued on next page.


Similar Part No. - LC87F0A08AUEB-NH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F0A08AUEB-NH

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com