Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC877917A Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC877917A
Description  8-bit 1-chip Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC877917A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC877917A Datasheet HTML 6Page - ON Semiconductor LC877917A Datasheet HTML 7Page - ON Semiconductor LC877917A Datasheet HTML 8Page - ON Semiconductor LC877917A Datasheet HTML 9Page - ON Semiconductor LC877917A Datasheet HTML 10Page - ON Semiconductor LC877917A Datasheet HTML 11Page - ON Semiconductor LC877917A Datasheet HTML 12Page - ON Semiconductor LC877917A Datasheet HTML 13Page - ON Semiconductor LC877917A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LC877917A
No.A1840-10/29
Pin Assignment
Pin name
I/O
Function
Option
VSS1, VSS2
-
• Power supply (-)
No
VDD1, VDD2, V2
-
• Power supply (+)
No
VDC
-
• Internal voltage
No
CUP1, CUP2
-
• Capacitor connecting terminals for step-up/step-down
No
PORT0
P00 to P07
I/O
• 8bit input/output port
• Data direction programmable for each bit
• Use of pull-up resistor can be specified for each bit individually
• Input for HOLD release
• Input for port 0 interrupt
• Other pin functions
P00: UART1-send
P01: UART1-receive
P04: System clock output (CKO)
P06: Timer6 toggle output
P07: Timer7 toggle output
AD converter input ports: AN0 (P00) – AN4 (P04)
Yes
PORT1
P10/S24 to
P17/S31
I/O
• 8bit input/output port
• Data direction programmable for each bit
• Use of pull-up resistor can be specified for each bit individually
• Other pin functions
P10: SIO0 data output
P11: SIO0 data input or bus input/output
P12: SIO0 clock input/output
P13: SIO1 data output
P14: SIO1 data input or bus input/output
P15: SIO1 clock input/output
P16: Timer 1 PWML output
P17: Timer 1 PWMH output/Buzzer output
Segment output for LCD: S24 (P10) – S31 (S17)
Yes
PORT3
P30
I/O
• 1bit Input/output port
• Data direction programmable
• Use of pull-up resistor can be specified
Yes
PORT7
P70 to P73
I/O
• 4bit Input/output port
• Data direction can be specified for each bit
• Use of pull-up resistor can be specified for each bit individually
• Other functions
P70: INT0 input/HOLD release input/Timer0L capture input/output for watchdog timer
P71: INT1 input/HOLD release input/Timer0H capture input
P72: INT2 input/HOLD release input/timer 0 event input/Timer0L capture input/NKIN
P73: INT3 input (noise rejection filter attached)/timer 0 event input/Timer0H capture input
AD converter input ports: AN5 (P70), AN6 (P71)
• Interrupt detection selection
No
Rising
Falling
Rising and falling
H level
L level
INT0
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
enable
enable
enable
enable
disable
disable
enable
enable
disable
disable
Continued on next page.


Similar Part No. - LC877917A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877917A SANYO-LC877917A Datasheet
183Kb / 29P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC877917A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com