Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87FBG08A Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 5 Page - ON Semiconductor

  LC87FBG08A Datasheet HTML 1Page - ON Semiconductor LC87FBG08A Datasheet HTML 2Page - ON Semiconductor LC87FBG08A Datasheet HTML 3Page - ON Semiconductor LC87FBG08A Datasheet HTML 4Page - ON Semiconductor LC87FBG08A Datasheet HTML 5Page - ON Semiconductor LC87FBG08A Datasheet HTML 6Page - ON Semiconductor LC87FBG08A Datasheet HTML 7Page - ON Semiconductor LC87FBG08A Datasheet HTML 8Page - ON Semiconductor LC87FBG08A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LC87FBG08A
No.A2046-5/30
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) There are four ways of resetting the HALT mode.
(1) Setting the reset pin to the low level
(2) System resetting by low-voltage detection
(3) System resetting by watchdog timer
(4) Occurrence of an interrupt
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, low-/medium-/ Frequency variable RC, and crystal oscillators automatically stop operation.
Note: The oscillation of the low-speed RC oscillator is also controlled directly by the watchdog timer and its
standby-mode-time oscillation is also controlled.
2) There are five ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level.
(2) System resetting by low-voltage detection
(3) System resetting by watchdog timer
(4) Having an interrupt source established at either INT0, INT1, INT2, INT4
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(5) Having an interrupt source established at port 0.
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The CF, low-/medium-/ Frequency variable RC oscillators automatically stop operation.
Note: The oscillation of the low-speed RC oscillator is also controlled directly by the watchdog timer and its
standby-mode-time oscillation is also controlled.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are six ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level.
(2) System resetting by watchdog timer or low-voltage detection.
(3) System resetting by watchdog timer or low-voltage detection.
(4) Having an interrupt source established at either INT0, INT1, INT2, INT4
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(5) Having an interrupt source established at port 0.
(6) Having an interrupt source established in the base timer circuit.
Note: Available only when X’tal oscillation is selected.
Onchip Debugger (flash versions only)
• Supports software debugging with the microcontroller mounted on the target board.
• Software break setting
• Stepwise execution of instructions
• Real time RAM data monitoring function
All the RAM data map contents can be monitored and rewritten on the screen when the program is running.
(Part of the SFR data cannot be rewritten.)
• Two channels of on-chip debugger pins are available to be compatible with small pin count devices.
DBGP0 (P0), DBGP1 (P1)
Data Security Function (flash versions only)
• Protects the program data stored in flash memory from unauthorized read or copy.
Note: This data security function does not necessarily provide absolute data security.


Similar Part No. - LC87FBG08A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87FBH08A ONSEMI-LC87FBH08A Datasheet
286Kb / 31P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87FBH08A ONSEMI-LC87FBH08A Datasheet
469Kb / 32P
   8-bit Microcontroller
June 2016 - Rev. 1
LC87FBH08AU-EB-3H ONSEMI-LC87FBH08AU-EB-3H Datasheet
469Kb / 32P
   8-bit Microcontroller
June 2016 - Rev. 1
LC87FBH08AU-EB-NH ONSEMI-LC87FBH08AU-EB-NH Datasheet
469Kb / 32P
   8-bit Microcontroller
June 2016 - Rev. 1
LC87FBH08A ONSEMI-LC87FBH08A_16 Datasheet
469Kb / 32P
   8-bit Microcontroller
June 2016 - Rev. 1
More results

Similar Description - LC87FBG08A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com