Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC823430TA Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC823430TA
Description  Audio Processing System LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823430TA Datasheet(HTML) 1 Page - ON Semiconductor

  LC823430TA Datasheet HTML 1Page - ON Semiconductor LC823430TA Datasheet HTML 2Page - ON Semiconductor LC823430TA Datasheet HTML 3Page - ON Semiconductor LC823430TA Datasheet HTML 4Page - ON Semiconductor LC823430TA Datasheet HTML 5Page - ON Semiconductor LC823430TA Datasheet HTML 6Page - ON Semiconductor LC823430TA Datasheet HTML 7Page - ON Semiconductor LC823430TA Datasheet HTML 8Page - ON Semiconductor LC823430TA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
12914HK/30613HKPC 20130129-S00003 No.A2171-1/20
Semiconductor Components Industries, LLC, 2014
January, 2014
http://onsemi.com
LC823430TA
Overview
LC823430TA is an audio processing system for MP3 record and playback devices.
It integrates DSP for digital signal processing and analog blocks such as audio ADC, audio DAC, and speaker and
headphone amplifier in addition to LCD segment driver.
Features
 32bit LPDSP32
- SRAM (246KB)
 PM 75KB (40KB + 35KB : ISOLATED)
 DMA 170KB (16KB + 154KB : ISOLATED)
 DMB 1KB (ISOLATED)
ISOLATED area : Power ON/OFF control is available by register.
- ROM (264.5KB)
 PM 227.5KB (ISOLATED)
 DMA 34KB (ISOLATED)
 DMB 3KB (ISOLATED)
ISOLATED area : Power ON/OFF control is available by the register.
- SIO (Clock Serial IO 2ch)
 SIO0 : Ch0 eSIO (Clock speed = Sysclk/1 (max))
program load and execute is possible using Serial Flash (after internal ROM Boot)
 SIO1 : Ch1 SIO (Clock speed = Sysclk/8 (max))
- UART (1ch)
- I2C (1ch Single Master, Full/Standard)
- Plain Timer (2ch)
 Timer0 : w/ Watch Dog Timer
 Timer1 : w/o Watch Dog Timer and XT1 operation
- Multiple Timer (2ch)
PWM output (1ch)
- RTC (Real Time Clock)
Operating voltage is independent of internal core operating voltage.
Only RTC power supply can be active during all others inactive (ISOLATED).
- SD card IF (2ch) (w/o CPRM)
eSD/eMMC can be connected.
 SD ch0 : program load and execute using eSD/eMMC (after internal ROM Boot) is possible.
 SD ch1 : SD card
- USB2.0 (480Mbps/12Mbps) Device IF. built-in PHY
- 10bit A/D converter (3ch)
- GPIO (31ch)
(GPIOs share the terminals with other functions. Refer to the terminal list in detail).
 LCD controller, LCD Driver. 18SEG * 8COM, 1/8Duty, 1/4Bias
- Internal ROM Boot is possible.
Continued on next page.
Ordering number : ENA2171A
CMOS LSI
Audio Processing System LSI
for MP3 Record and Playback Devices
ORDERING INFORMATION
See detailed ordering and shipping information on page 20 of this data sheet.
* I
2C Bus is a trademark of Philips Corporation.
TQFP128L(14X14)


Similar Part No. - LC823430TA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823433TAK-2H ONSEMI-LC823433TAK-2H Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results

Similar Description - LC823430TA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com