Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC709202F Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC709202F
Description  Battery Monitor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709202F Datasheet(HTML) 4 Page - ON Semiconductor

  LC709202F Datasheet HTML 1Page - ON Semiconductor LC709202F Datasheet HTML 2Page - ON Semiconductor LC709202F Datasheet HTML 3Page - ON Semiconductor LC709202F Datasheet HTML 4Page - ON Semiconductor LC709202F Datasheet HTML 5Page - ON Semiconductor LC709202F Datasheet HTML 6Page - ON Semiconductor LC709202F Datasheet HTML 7Page - ON Semiconductor LC709202F Datasheet HTML 8Page - ON Semiconductor LC709202F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LC709202F
No.A2173-4/10
Absolute Maximum Ratings
at Ta=25
°C, VSS=0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
Unit
VDD[V]
min
typ
max
Maximum supply
voltage
VDD max
VDD1, VDD2
-0.3
+6.5
V
Input voltage
VI (1)
RESB, TSENSE
-0.3
VDD1
+0.3
Output voltage
Vo (1)
TSW
-0.3
VDD1
+0.3
Vo (2)
ALARMB
-0.3
Input/output voltage
VIO (1)
SDA, SCL
-0.3
+5.5
Allowable power
dissipation
Pd max
VCT16
Ta=-40 to+85
°C
55
mW
Operating ambient
temperature
Topr
-40
+85
°C
Storage ambient
temperature
Tstg
-55
+125
Allowable Operating Conditions
at Ta= -40 to +85
°C, VSS=0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
unit
VDD[V]
min
typ
max
Operating supply
voltage
VDD (1)
VDD1
2.5
4.5
V
High level input
voltage
VIH (1)
TSENSE
2.5 to 4.5
0.70VDD1
VDD1
VIH (2)
RESB
2.5 to 4.5
0.75VDD1
VDD1
VIH (3)
SDA, SCL
VDD2=1.6V to 5.5V
2.5 to 4.5
0.70VDD2
VDD2
Low level input
voltage
VIL (1)
TSENSE
2.5 to 4.5
VSS
0.25VDD1
VIL (2)
RESB
2.5 to 4.5
VSS
0.25VDD1
VIL (3)
SDA, SCL
VDD2=1.6V to 5.5V
2.5 to 4.5
VSS
0.30VDD2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LC709202F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
logo
ON Semiconductor
LC709201F ONSEMI-LC709201F Datasheet
181Kb / 10P
   Battery Monitor IC
May, 2013 Ver.1.5
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203F ONSEMI-LC709203F Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709203FQH-01TWG ONSEMI-LC709203FQH-01TWG Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
More results

Similar Description - LC709202F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
   Battery Monitor IC
May, 2013 Ver.1.5
LC809202F ONSEMI-LC809202F Datasheet
201Kb / 10P
   Battery Monitor IC
April, 2013
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
logo
Vishay Siliconix
SIP31001 VISHAY-SIP31001 Datasheet
86Kb / 3P
   Battery Monitor and Protective Discharge IC
Rev. A, 20-Feb-17
logo
Texas Instruments
BQ2023 TI1-BQ2023_16 Datasheet
1Mb / 32P
[Old version datasheet]   SINGLE-WIRE ADVANCED BATTERY MONITOR IC
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
   Battery Monitor
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com