Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1612AID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1612AID
Description  SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1612AID Datasheet(HTML) 4 Page - Texas Instruments

  OPA1612AID Datasheet HTML 1Page - Texas Instruments OPA1612AID Datasheet HTML 2Page - Texas Instruments OPA1612AID Datasheet HTML 3Page - Texas Instruments OPA1612AID Datasheet HTML 4Page - Texas Instruments OPA1612AID Datasheet HTML 5Page - Texas Instruments OPA1612AID Datasheet HTML 6Page - Texas Instruments OPA1612AID Datasheet HTML 7Page - Texas Instruments OPA1612AID Datasheet HTML 8Page - Texas Instruments OPA1612AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
OPA1611, OPA1612
SBOS450C – JULY 2009 – REVISED AUGUST 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VS = (V+) – (V–)
40
V
Input voltage
(V–) – 0.5
(V+) + 0.5
V
Input current (all pins except power-supply pins)
±10
mA
Output short-circuit(2)
Continuous
Operating temperature
(TA)
–55
+125
°C
Junction temperature
(TJ)
200
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Short-circuit to VS / 2 (ground in symmetrical dual supply setups), one amplifier per package.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
+150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–3000
3000
pins(1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
V
–1000
1000
JESD22-C101, all pins(2)
Machine model (MM)
–200
200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage (V+ – V–)
4.5 (±2.25)
36 (±18)
V
Specified temperature
–40
+85
°C
4
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: OPA1611 OPA1612


Similar Part No. - OPA1612AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612AID TI-OPA1612AID Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612AIDR TI-OPA1612AIDR Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1612AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1641-Q1 TI1-OPA1641-Q1 Datasheet
679Kb / 31P
[Old version datasheet]   SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com