Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2211-HT Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA2211-HT
Description  1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2211-HT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2211-HT_15 Datasheet HTML 7Page - Texas Instruments OPA2211-HT_15 Datasheet HTML 8Page - Texas Instruments OPA2211-HT_15 Datasheet HTML 9Page - Texas Instruments OPA2211-HT_15 Datasheet HTML 10Page - Texas Instruments OPA2211-HT_15 Datasheet HTML 11Page - Texas Instruments OPA2211-HT_15 Datasheet HTML 12Page - Texas Instruments OPA2211-HT_15 Datasheet HTML 13Page - Texas Instruments OPA2211-HT_15 Datasheet HTML 14Page - Texas Instruments OPA2211-HT_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
0
200
60
50
40
30
20
10
0
CapacitiveLoad(pF)
1400
800
400
600
1000
1200
G=+1
G= 1
-
G=10
Time (0.1 s/div)
G = –1
R = 600
C = 10pF
L
L
+18V
-18V
R
F
604
R
I
604
C
F
5.6pF
C
L
R
L
OPA2211
Time (0.1 s/div)
G = –1
R = 600
C = 100pF
L
L
+18V
-18V
R
F
604
R
I
604
C
F
5.6pF
C
L
R
L
OPA2211
Time (0.1 s/div)
G = +1
R = 600
C = 10pF
L
L
+18V
-18V
C
L
R
L
OPA2211
-75
60
-60
Temperature (°C)
200
20
-50
-25
0
30
40
50
25
75
50
10
0
-10
100 125
-20
-30
-40
-50
150 175
Sourcing
Sinking
Time (0.1 s/div)
G = –1
R = 600
C = 10pF
L
L
+18V
-18V
R
F
604
R
I
604
C
F
5.6pF
C
L
R
L
OPA2211
OPA2211-HT
www.ti.com
SBOS684A – AUGUST 2013 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
SHORT-CIRCUIT CURRENT
SMALL-SIGNAL STEP RESPONSE
vs TEMPERATURE
(100mV)
Figure 24.
Figure 25.
SMALL-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
(100mV)
(100mV)
Figure 26.
Figure 27.
SMALL-SIGNAL STEP RESPONSE
SMALL-SIGNAL OVERSHOOT
(100mV)
vs CAPACITIVE LOAD (100mV Output Step)
Figure 28.
Figure 29.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA2211-HT


Similar Part No. - OPA2211-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
[Old version datasheet]   1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
[Old version datasheet]   1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
More results

Similar Description - OPA2211-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
[Old version datasheet]   1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
[Old version datasheet]   1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
[Old version datasheet]   2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA211-EP TI-OPA211-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
[Old version datasheet]   1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
logo
Analog Devices
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
   1 nV/?숰z Low Noise Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com