Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2234M Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2234M
Description  LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2234M Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2234M_15 Datasheet HTML 6Page - Texas Instruments OPA2234M_15 Datasheet HTML 7Page - Texas Instruments OPA2234M_15 Datasheet HTML 8Page - Texas Instruments OPA2234M_15 Datasheet HTML 9Page - Texas Instruments OPA2234M_15 Datasheet HTML 10Page - Texas Instruments OPA2234M_15 Datasheet HTML 11Page - Texas Instruments OPA2234M_15 Datasheet HTML 12Page - Texas Instruments OPA2234M_15 Datasheet HTML 13Page - Texas Instruments OPA2234M_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
OffsetVoltage(µV)
0.3%
0.1%
25
20
15
10
5
0
V
S =2.7V,5V
Typicalproduction
distributionofpackaged
units.Single,dual,and
quadunitsincluded.
0.1%
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
OffsetVoltage(µV)
30
25
20
15
10
5
0
V
S =±15V
Typicalproduction
distributionofpackaged
units.Single,dual,
andquadunitsincluded.
0.2%
0.3%
0.7%
0.1%
0.5%
OFFSETVOLTAGEDRIFT
PRODUCTIONDISTRIBUTION
OffsetVoltageDrift(µV/ C)
°
35
30
25
20
15
10
5
0
0.1%
0.1%
0.2%
0.5%
0.3%
V
S =5V
Typicalproduction
distributionofpackaged
units.Single,dual,
andquadunitsincluded.
OFFSETVOLTAGEDRIFT
PRODUCTIONDISTRIBUTION
OffsetVoltageDrift(µV/ C)
°
35
30
25
20
15
10
5
0
0.1%
0.1%
0.2%
0.1%
0.3%
V
S =2.7V
Typicalproduction
distributionofpackaged
units.Single,dual,
andquadunitsincluded.
A
OL,CMR,ANDPSRvsTEMPERATURE
AmbientTemperature( °C)
140
130
120
110
100
90
80
70
60
–75
–50
–25
0
25
50
75
100
125
CMR
PSR
V
CM =(V )
– –0.02Vto(V+) –1V
A
OL
V
S =2.7V
V
S =5V
V
S = ±15V
OFFSETVOLTAGEDRIFT
PRODUCTIONDISTRIBUTION
OffsetVoltageDrift(µV/ C)
°
30
25
20
15
10
5
0
V
S =±15V
Typicalproduction
distributionofpackaged
units.Single,dual,
andquadunitsincluded.
0.1%
0.1%
0.1%
0.1%
0.2%
0.4% 0.3%
OPA2234M
SGDS040
– FEBRUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
10
Submit Documentation Feedback
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA2234M


Similar Part No. - OPA2234M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2234MDR TI1-OPA2234MDR Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2234M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Analog Devices
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com