Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4188 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA4188
Description  0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4188 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4188_15 Datasheet HTML 3Page - Texas Instruments OPA4188_15 Datasheet HTML 4Page - Texas Instruments OPA4188_15 Datasheet HTML 5Page - Texas Instruments OPA4188_15 Datasheet HTML 6Page - Texas Instruments OPA4188_15 Datasheet HTML 7Page - Texas Instruments OPA4188_15 Datasheet HTML 8Page - Texas Instruments OPA4188_15 Datasheet HTML 9Page - Texas Instruments OPA4188_15 Datasheet HTML 10Page - Texas Instruments OPA4188_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
OPA4188
www.ti.com
SBOS641B – JUNE 2012 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS
Table 1. Characteristic Performance Measurements
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3
Offset Voltage vs Common-Mode Voltage
Figure 4, Figure 5
Offset Voltage vs Power Supply
Figure 6
IB and IOS vs Common-Mode Voltage
Figure 7
Input Bias Current vs Temperature
Figure 8
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 9
CMRR and PSRR vs Frequency (Referred-to-Input)
Figure 10
CMRR vs Temperature
Figure 11, Figure 12
PSRR vs Temperature
Figure 13
0.1-Hz to 10-Hz Noise
Figure 14
Input Voltage Noise Spectral Density vs Frequency
Figure 15
THD+N Ratio vs Frequency
Figure 16
THD+N vs Output Amplitude
Figure 17
Quiescent Current vs Supply Voltage
Figure 18
Quiescent Current vs Temperature
Figure 19
Open-Loop Gain and Phase vs Frequency
Figure 20
Closed-Loop Gain vs Frequency
Figure 21
Open-Loop Gain vs Temperature
Figure 22
Open-Loop Output Impedance vs Frequency
Figure 23
Small-Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 24, Figure 25
No Phase Reversal
Figure 26
Positive Overload Recovery
Figure 27
Negative Overload Recovery
Figure 28
Small-Signal Step Response (100 mV)
Figure 29, Figure 30
Large-Signal Step Response
Figure 31, Figure 32
Large-Signal Settling Time (10-V Positive Step)
Figure 33
Large-Signal Settling Time (10-V Negative Step)
Figure 34
Short-Circuit Current vs Temperature
Figure 35
Maximum Output Voltage vs Frequency
Figure 36
Channel Separation vs Frequency
Figure 37
EMIRR IN+ vs Frequency
Figure 38
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA4188


Similar Part No. - OPA4188_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4188AID TI1-OPA4188AID Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188AID TI1-OPA4188AID Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA4188AIDR TI1-OPA4188AIDR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188AIDR TI1-OPA4188AIDR Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA4188AIPW TI1-OPA4188AIPW Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4188_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com