Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34164-3 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # MC34164-3
Description  3V UNDERVOLTAGE SENSING CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC34164-3 Datasheet(HTML) 6 Page - Microsemi Corporation

  MC34164-3 Datasheet HTML 1Page - Microsemi Corporation MC34164-3 Datasheet HTML 2Page - Microsemi Corporation MC34164-3 Datasheet HTML 3Page - Microsemi Corporation MC34164-3 Datasheet HTML 4Page - Microsemi Corporation MC34164-3 Datasheet HTML 5Page - Microsemi Corporation MC34164-3 Datasheet HTML 6Page - Microsemi Corporation MC34164-3 Datasheet HTML 7Page - Microsemi Corporation MC34164-3 Datasheet HTML 8Page - Microsemi Corporation MC34164-3 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3V U NDER V O L T AGE S ENSING C IRCUIT
MC33164-3/MC34164-3
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.2
6/99
6
P RODUCTION
D AT A
S HEET
CHARACTERISTIC CUR VES
FIGURE 6. — THRESHOLD HYSTERESIS vs. TEMPERATURE
FIGURE 7. — SUPPLY CURRENT vs. INPUT VOLTAGE
FIGURE 5. — THRESHOLD VOLTAGE vs. TEMPERATURE
2.550
2.650
(T
A)
Ambient Temperature - (°C)
2.800
2.600
2.675
2.750
2.575
2.700
2.725
2.775
2.625
-50
-25
025
50
75
100
V
T+ High Threshold Voltage
V
T- Low Threshold Voltage
0
40
(T
A)
Ambient Temperature - (°C)
100
20
50
80
10
60
70
90
30
-50
-25
025
50
75
100
04
10
0
80
(V
IN)
Input Voltage - (V)
200
40
120
160
26
8
20
60
100
140
180
R
L = No Load
T
A = 25°C
0.0
10.0
(T
A)
Ambient Temperature - (°C)
25.0
5.0
20.0
15.0
-50
-25
025
50
75
100
No Load
V
IN = 3V
V
IN = 6V
FIGURE 8. — SUPPLY CURRENT vs. TEMPERATURE


Similar Part No. - MC34164-3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MC34164-3 MICROSEMI-MC34164-3 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
Freescale Semiconductor...
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
logo
List of Unclassifed Man...
MC34164-3 ETC2-MC34164-3 Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC34164-3DM ETC2-MC34164-3DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC34164-3LP ETC2-MC34164-3LP Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results

Similar Description - MC34164-3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com