Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34164DM Datasheet(PDF) 5 Page - Microsemi Corporation

Part # MC34164DM
Description  5V UNDERVOLTAGE SENSING CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC34164DM Datasheet(HTML) 5 Page - Microsemi Corporation

  MC34164DM Datasheet HTML 1Page - Microsemi Corporation MC34164DM Datasheet HTML 2Page - Microsemi Corporation MC34164DM Datasheet HTML 3Page - Microsemi Corporation MC34164DM Datasheet HTML 4Page - Microsemi Corporation MC34164DM Datasheet HTML 5Page - Microsemi Corporation MC34164DM Datasheet HTML 6Page - Microsemi Corporation MC34164DM Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5V U NDER VOL T A G E S ENSING C IRCUIT
MC33164/MC34164
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1997
Rev. 1.5
11/97
P RODUCTION D AT A S HEET
CHARACTERISTIC CUR V E S
FIGURE 2. — RESET OUTPUT VOLTAGE
vs. INPUT VOLTAGE
FIGURE 3. — RESET OUTPUT SATURATION
vs. SINK CURRENT
FIGURE 4. — INPUT CURRENT vs. INPUT VOLTAGE
FIGURE 1. — COMPARATOR THRESHOLD VOLTAGE
vs. TEMPERATURE
Junction Temperature - (°C)
4.15
-50
-25
0
25
50
75
100
125
4.20
4.25
4.30
4.35
4.40
4.45
Upper Threshold
High State Output
Lower Threshold
Low State Output
R
L = 43K to VIN
0
0
(I
SINK)
Sink Current - (mA)
100
3
V
IN = 4V
T
A = 25°C
6
9
12
14
200
300
400
500
0
0
Input Voltage - (V)
20
2
140
40
60
80
100
120
46
8
10
12
R
L = ¥
T
A = 25°C
0
0
Input Voltage - (V)
2.0
2.0
R
L = 82K to VIN
T
A = 25°C
4.0
6.0
8.0
10
4.0
6.0
8.0
10


Similar Part No. - MC34164DM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34164DM-3 ONSEMI-MC34164DM-3 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
MC34164DM-3R2 ONSEMI-MC34164DM-3R2 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
MC34164DM-3R2G ONSEMI-MC34164DM-3R2G Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
MC34164DM-3R2G ONSEMI-MC34164DM-3R2G Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
MC34164DM-5 ONSEMI-MC34164DM-5 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
More results

Similar Description - MC34164DM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com