Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074M Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL074M
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL074M Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL074M Datasheet HTML 7Page - Texas Instruments TL074M Datasheet HTML 8Page - Texas Instruments TL074M Datasheet HTML 9Page - Texas Instruments TL074M Datasheet HTML 10Page - Texas Instruments TL074M Datasheet HTML 11Page - Texas Instruments TL074M Datasheet HTML 12Page - Texas Instruments TL074M Datasheet HTML 13Page - Texas Instruments TL074M Datasheet HTML 14Page - Texas Instruments TL074M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
100
µF
TL074
Output C
VCC+
VCC+
Output B
TL074
VCC+
Output A
TL074
VCC+
TL074
VCC+
100 k
Input
1
µF
1 M
100 k
100 k
VCC−
100 k
VCC−
VCC−
VCC−
−15 V
6 sin ωt
6 cos ωt
88.4 kΩ
VCC+
VCC−
VCC+
VCC−
1N4148
18 pF
18 pF
1 kΩ
18 kΩ (see Note A)
15 V
TL072
TL072
88.4 kΩ
88.4 kΩ
18 pF
1 kΩ
18 kΩ (see Note A)
1N4148
NOTE A: These resistor values may be adjusted for a symmetrical output.
TL072-EP, TL074-EP
www.ti.com
SLOS747F – OCTOBER 2011 – REVISED DECEMBER 2012
APPLICATION INFORMATION
Figure 22. 100-kHz Quadrature Oscillator
Figure 23. Audio-Distribution Amplifier
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TL072-EP TL074-EP


Similar Part No. - TL074M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL074M STMICROELECTRONICS-TL074M Datasheet
108Kb / 11P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL074M TI1-TL074M Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL074M TI1-TL074M Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL074M TI-TL074M Datasheet
2Mb / 69P
[Old version datasheet]   TL07xx Low-Noise JFET-Input Operational Amplifiers
TL074M TI-TL074M Datasheet
4Mb / 80P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
More results

Similar Description - TL074M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827_07 Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
NTE Electronics
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com