Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4425AN Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA4425AN
Description  5W Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4425AN Datasheet(HTML) 1 Page - ON Semiconductor

  LA4425AN Datasheet HTML 1Page - ON Semiconductor LA4425AN Datasheet HTML 2Page - ON Semiconductor LA4425AN Datasheet HTML 3Page - ON Semiconductor LA4425AN Datasheet HTML 4Page - ON Semiconductor LA4425AN Datasheet HTML 5Page - ON Semiconductor LA4425AN Datasheet HTML 6Page - ON Semiconductor LA4425AN Datasheet HTML 7Page - ON Semiconductor LA4425AN Datasheet HTML 8Page - ON Semiconductor LA4425AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Publication Order Number :
LA4425AN/D
http://onsemi.com
© Semiconductor Components Industries, LLC, 2014
September 2014 - Rev. 0
ORDERING INFORMATION
See detailed ordering and shipping information on page 10 of this data sheet.
LA4425AN
Overview
The LA4425AN is a 5W power amplifier with very few external parts.
The smallest package in the industry [SIP-5H(TO-126 type)]. Only two
external parts (Only I/O coupling capacitors). Almost no evaluation,
adjustment and check of its functions as a power IC required and
simplified control.
Functions
 Wide operation supply range : 5 to 16V
 On-chip protection :
- Over-voltage protection
- Thermal protection
- Output D.C. short protection
 On-chip pop noise reducing circuit
Specifications
Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Rg = 0
18
V
Surge maximum supply
voltage
VCC surge
Giant pulse 200ms
Rise time 1ms
50
V
Maximum output current
IO peak
3.3
A
Allowable power dissipation
Pd max
With infinite heat sink
7.5
W
Operating temperature
Topr
40 to +85
C
Storage temperature
Tstg
40 to +150
C
Monolithic Linear IC
5W Power Amplifier
with Very Few External Parts
for Car Radio and Car Stereo
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
SIP5 9.5x11.8 / SIP5H


Similar Part No. - LA4425AN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4425A SANYO-LA4425A Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
More results

Similar Description - LA4425AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
EN3309D ONSEMI-EN3309D Datasheet
103Kb / 9P
   5W Power Amplifier
June, 2013
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Sanyo Semicon Device
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
   AF Power Amplifier (5W 5W min, THD = 1.0%)
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
   12V / 5W dual power amplifier
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
   5W AUDIO POWER AMPLIFIER CIRCUIT
logo
Texas Instruments
LM384 TI-LM384_15 Datasheet
339Kb / 12P
[Old version datasheet]   LM384 5W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com