Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4425AN Datasheet(PDF) 3 Page - ON Semiconductor

Part # LA4425AN
Description  5W Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4425AN Datasheet(HTML) 3 Page - ON Semiconductor

  LA4425AN Datasheet HTML 1Page - ON Semiconductor LA4425AN Datasheet HTML 2Page - ON Semiconductor LA4425AN Datasheet HTML 3Page - ON Semiconductor LA4425AN Datasheet HTML 4Page - ON Semiconductor LA4425AN Datasheet HTML 5Page - ON Semiconductor LA4425AN Datasheet HTML 6Page - ON Semiconductor LA4425AN Datasheet HTML 7Page - ON Semiconductor LA4425AN Datasheet HTML 8Page - ON Semiconductor LA4425AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LA4425AN
http://www.onsemi.com
3
Package Dimensions
unit : mm
-30 -20
0
20
40
60
80
100
0
2
4
6
8
10
1.2
2.9
4.3
5.7
7.5
Pd max -- Ta
Ambient temperature, Ta --
°C
No heat sink
30
×30×1.5mm3
50
×50×1.5mm3
100
×100×1.5mm3
Infinite heat sink
Al heat sink
mounting toque 39N.cm
with sillicone grease applied.
12°
C/W
SIP5 9.5x11.8 / SIP5H
CASE 127AF
ISSUE O


Similar Part No. - LA4425AN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4425A SANYO-LA4425A Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
More results

Similar Description - LA4425AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
EN3309D ONSEMI-EN3309D Datasheet
103Kb / 9P
   5W Power Amplifier
June, 2013
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Sanyo Semicon Device
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
   AF Power Amplifier (5W 5W min, THD = 1.0%)
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
   12V / 5W dual power amplifier
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
   5W AUDIO POWER AMPLIFIER CIRCUIT
logo
Texas Instruments
LM384 TI-LM384_15 Datasheet
339Kb / 12P
[Old version datasheet]   LM384 5W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com