Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F1HC4BUWA-2H Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC87F1HC4BUWA-2H
Description  8-bit Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1HC4BUWA-2H Datasheet(HTML) 1 Page - ON Semiconductor

  LC87F1HC4BUWA-2H Datasheet HTML 1Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 2Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 3Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 4Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 5Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 6Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 7Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 8Page - ON Semiconductor LC87F1HC4BUWA-2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
Publication Order Number :
LC87F1HC4B/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2014
December 2014 - Rev. 0
ORDERING INFORMATION
See detailed ordering and shipping information on page 28 of this data sheet.
LC87F1HC4B
Overview
The LC87F1HC4B is an 8-bit microcomputer that, centered around a CPU
running at a minimum bus cycle time of 83.3ns, integrates on a single chip
a number of hardware features such as 128K-byte flash ROM (onboard
programmable), 12288-byte RAM, an on-chip debugger, a sophisticated
16-bit timer/counter (may be divided into 8-bit timers), a 16-bit timer (may
be divided into 8-bit timers or PWMs), four 8-bit timers with a prescaler, a
base timer serving as a time-of-day clock, 3 channels of synchronous SIO
interface
with
automatic
data
transfer
capabilities,
an
asynchronous/synchronous SIO interface, a UART interface (full duplex),
a full-speed USB interface (host control function), an 8-bit 12-channel AD
converter, 2 channels of 12-bit PWM, a system clock frequency divider, an
infrared remote control receiver circuit, and a 40-source 10-vector interrupt
feature.
Features
Flash ROM
131072 8 bits
Capable of on-board programming with a wide range of supply voltages
: 3.0 to 5.5V
Block-erasable in 128 byte units
Writes data in 2-byte units
RAM
12288  9 bits
Package Form
 SQFP48 : Pb-Free type
Bus Cycle Time
83.3ns (When CF=12MHz)
Note : The bus cycle time here refers to the ROM read speed.
CMOS LSI
8-bit Microcontroller
with USB-host Controller
128K-byte FROM / 12288-byte RAM / 48-pin
* This product is licensed from Silicon Storage Technology, Inc. (USA).
SPQFP48 7x7 / SQFP48
UHD-
UHD+
VDD3
VSS3
P34/UFILT
P33/AFILT
P32
P31/URX1
P30/UTX1
P70/INT0/T0LCP/AN8
P71/INT1/T0HCP/AN9
P72/INT2/T0IN
24
23
22
21
20
19
18
17
16
15
14
13
P03/AN3/DBGP1
P02/AN2/DBGP0
P01/AN1
P00/AN0
VSS2
VDD2
PWM0/MCLKO
PWM1/MCLKI
P17/T1PWMH/BUZ
P16/T1PWML
P15/SCK1
P14/SI1/SB1
37
38
39
40
41
42
43
44
45
46
47
48
LC87F1HC4B
Top view


Similar Part No. - LC87F1HC4BUWA-2H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
More results

Similar Description - LC87F1HC4BUWA-2H

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com