Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F7NC8A Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC87F7NC8A
Description  8-bit Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F7NC8A Datasheet(HTML) 5 Page - ON Semiconductor

  LC87F7NC8A Datasheet HTML 1Page - ON Semiconductor LC87F7NC8A Datasheet HTML 2Page - ON Semiconductor LC87F7NC8A Datasheet HTML 3Page - ON Semiconductor LC87F7NC8A Datasheet HTML 4Page - ON Semiconductor LC87F7NC8A Datasheet HTML 5Page - ON Semiconductor LC87F7NC8A Datasheet HTML 6Page - ON Semiconductor LC87F7NC8A Datasheet HTML 7Page - ON Semiconductor LC87F7NC8A Datasheet HTML 8Page - ON Semiconductor LC87F7NC8A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LC87F7NC8A
www.onsemi.com
5
 Standby Function
HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation
(Some parts of the serial transfer function stop operation) .
1) Oscillation is not stopped automatically.
2) Canceled by a system reset or occurrence of an interrupt
HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, RC, X’tal, and multifrequency RC oscillators automatically stop operation.
2) There are three ways of resetting the HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer
and infrared remote controller circuit.
1) The CF, RC, and multifrequency RC oscillators automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are five ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
(5) Having an interrupt source established in the infrared remote control receiver circuit
 On-chip Debugger Function
 Supports software debugging with the IC mounted on the target board.
 Package Form
QIP100E(1420)
: Pb-Free / Halogen Free type
QFP100(14
: Pb-Free / Halogen Free type [Under Development]
 Development Tools
On-chip Debugger: TCB87 TypeB +LC87F7Nxx A or TCB87 TypeC (3Lines Cable) +LC87F7NxxA


Similar Part No. - LC87F7NC8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F7NC8AUEJ-2H ONSEMI-LC87F7NC8AUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AVUEJ-2H ONSEMI-LC87F7NC8AVUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
More results

Similar Description - LC87F7NC8A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com