Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898214XD Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC898214XD
Description  AF Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898214XD Datasheet(HTML) 3 Page - ON Semiconductor

  LC898214XD Datasheet HTML 1Page - ON Semiconductor LC898214XD Datasheet HTML 2Page - ON Semiconductor LC898214XD Datasheet HTML 3Page - ON Semiconductor LC898214XD Datasheet HTML 4Page - ON Semiconductor LC898214XD Datasheet HTML 5Page - ON Semiconductor LC898214XD Datasheet HTML 6Page - ON Semiconductor LC898214XD Datasheet HTML 7Page - ON Semiconductor LC898214XD Datasheet HTML 8Page - ON Semiconductor LC898214XD Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LC898214XD
www.onsemi.com
3
Pin Layout
Circuit Name
Number of Pins Circuit Name
Number of Pins
Analog
4
Driver
2
Logic
2
Backside pin layout diagram (Top View from the mold side)
4
TEST
HALL
3
I2CDT
I2CCK
2
VSS
VDD
1
OUT2
OUT1
A
B
Block Diagram
I2C I/F
I2CDT
I2CCK
OUT1
OUT2
AD
EQ
Control
logic
Constant
Current
Driver
DA
VDD
VSS
OSC
POR
LDO
VDD
VDD
Hall
HALL
TEST
Temp
EEPROM
VGA
0.01uF
VDD
Hall
Driver


Similar Part No. - LC898214XD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898214XC ONSEMI-LC898214XC Datasheet
281Kb / 9P
   AF Controller
January 2015 - Rev. 2
LC898214XC-MH ONSEMI-LC898214XC-MH Datasheet
281Kb / 9P
   AF Controller
January 2015 - Rev. 2
More results

Similar Description - LC898214XD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2242 ONSEMI-ENA2242 Datasheet
168Kb / 4P
   AF Controller
November, 2013
ENA2328 ONSEMI-ENA2328 Datasheet
278Kb / 8P
   AF Controller
July, 2014
ENA2251 ONSEMI-ENA2251 Datasheet
175Kb / 5P
   AF Controller
March, 2013
ENA2241 ONSEMI-ENA2241 Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898214XC ONSEMI-LC898214XC Datasheet
281Kb / 9P
   AF Controller
January 2015 - Rev. 2
LC898219XI ONSEMI-LC898219XI Datasheet
269Kb / 9P
   Auto Focus (AF) Controller
August 2017 - Rev. P0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com