Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP392ARFCCT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP392ARFCCT1G
Description  Adjustable Front End Overvoltage Protection Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP392ARFCCT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP392ARFCCT1G Datasheet HTML 1Page - ON Semiconductor NCP392ARFCCT1G Datasheet HTML 2Page - ON Semiconductor NCP392ARFCCT1G Datasheet HTML 3Page - ON Semiconductor NCP392ARFCCT1G Datasheet HTML 4Page - ON Semiconductor NCP392ARFCCT1G Datasheet HTML 5Page - ON Semiconductor NCP392ARFCCT1G Datasheet HTML 6Page - ON Semiconductor NCP392ARFCCT1G Datasheet HTML 7Page - ON Semiconductor NCP392ARFCCT1G Datasheet HTML 8Page - ON Semiconductor NCP392ARFCCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP392A
www.onsemi.com
3
PIN FUNCTION DESCRIPTION
/EN
OUT
OUT
PGND
VBUS
_D
OUT
IN
PGND
OVLO
IN
IN
PGND
A
B
C
123
4
(Top View)
Figure 3. Pinout
Table 1. NCP392 PIN DESCRIPTION
Pin
Pin
Name
Type
Description
A1
EN
I/O
Enable pin bar.
The device enters in shutdown mode when this pin is tied to a high level. In this case the output is
disconnected from the input.
To allow normal functionality, the EN pin is tied low with internal pull down.
This pin does not have an impact on the VBUS_DET.
A2,
A3,
B2
OUT
OUTPUT
Output voltage pins.
These pins follow IN pins, with debounce time, when “no fault” are detected.
The outputs are disconnected from the Vin power supply when the input voltage is below UVLO,
above OVLO threshold or internal thermal protection is exceeded.
The three OUT pins must be hardwired together and used for power dissipation.
A4,
B4,
C4
PGND
POWER
Ground. The three GND pins must be hardwired together and connect to the system GND.
B1
VBUS_D
ET
OUTPUT
Vbus detect pin. This pin reflects Vin pin, and be in pass through mode up to regulation level. Upper
this trip, this output regulates IN voltage whatever OVLO event or /EN setting.
B3,
C2,
C3
IN
POWER
Input voltage pins.
These pins are connected to the power supply.
The three IN pins must be hardwired together.
C1
OVLO
INPUT
External OVLO Adjustment. Connect external resistor bridge to OVLO pin to select a different OVLO
threshold. Connect OVLO pin to GND if not used. In this case internal OVLO will be selected.


Similar Part No. - NCP392ARFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP392B ONSEMI-NCP392B Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
NCP392BRFCCT1G ONSEMI-NCP392BRFCCT1G Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
NCP392C ONSEMI-NCP392C Datasheet
170Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
September, 2015 ??Rev. 3
NCP392CRFCCT1G ONSEMI-NCP392CRFCCT1G Datasheet
170Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
September, 2015 ??Rev. 3
NCP392CSFCCT1G ONSEMI-NCP392CSFCCT1G Datasheet
170Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
September, 2015 ??Rev. 3
More results

Similar Description - NCP392ARFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP392D ONSEMI-NCP392D Datasheet
169Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 2
NCP392C ONSEMI-NCP392C Datasheet
170Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
September, 2015 ??Rev. 3
NCV890104 ONSEMI-NCV890104 Datasheet
214Kb / 19P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 3
NCP392B ONSEMI-NCP392B Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
logo
Kinetic Technologies.
KTS1662 KINETIC-KTS1662 Datasheet
545Kb / 11P
   Adjustable Overvoltage Protection Switch
May 2019 - Revision 04d
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com