Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP392CRFCCT1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP392CRFCCT1G
Description  Adjustable Front End Overvoltage Protection Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP392CRFCCT1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP392CRFCCT1G Datasheet HTML 2Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 3Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 4Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 5Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 6Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 7Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 8Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 9Page - ON Semiconductor NCP392CRFCCT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCP392C
www.onsemi.com
7
Figure 5. External Connection to GND of OVLO
INPUT
VREF
SEL
OVLO
GND
Fault &
EN
ACOK
If OVLO pin is not grounded, and by adding external
bridge resistor on OVLO pin, between IN and GND,
overvoltage protection can be adjusted as following:
Figure 6. External Connection to Resistor Bridge of
OVLO
INPUT
VREF
SEL
OVLO
GND
Fault &
EN
ACOK
NEW_OVLO
TH +
OVLO
EXT
R
1 ) R2
R
2
(eq. 1)
With: OVLOEXT = 1.221 V Typical (OVLO External
Reference)
Example:
NEW_OVLOTH target 12 V.
R1
+ R2
OVLO
1.221
* 1 + R2
12
1.221
* 1 + 8.828
R2
(eq. 2)
Taking into account external input bridge doesn’t have
excessive current consumption, and 1% is recommended:
R2 arbitrarilly fixed at 1.05 M
W.
R1 = 9.269 M
W (9.31 MW standard value)
Obtained typical OVLO = 12.04 V
C1 and C2 should be selected in such a way that the time
constant R1C1 = R2C2.
EN Input
To enable normal operation, the EN pin has to be at low
level. There is neither internal pull up, nor internal pull down
connected to EN pin. If not externally driven, this pin and so
NCP392C switch are undefined state.
A high level on the pin, disconnects OUT pin from IN pin.
Table 4. CONTROL LOGIC MODES
OVP State
NCP392Cx
OVLO EXT
Low
High
EN
Low
ON
Tstart 15 ms
OFF
High
OFF
OFF


Similar Part No. - NCP392CRFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP392A ONSEMI-NCP392A Datasheet
222Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 4
NCP392ARFCCT1G ONSEMI-NCP392ARFCCT1G Datasheet
222Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 4
NCP392B ONSEMI-NCP392B Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
NCP392BRFCCT1G ONSEMI-NCP392BRFCCT1G Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
NCP392D ONSEMI-NCP392D Datasheet
169Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 2
More results

Similar Description - NCP392CRFCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP392D ONSEMI-NCP392D Datasheet
169Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 2
NCV890104 ONSEMI-NCV890104 Datasheet
214Kb / 19P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 3
NCP392A ONSEMI-NCP392A Datasheet
222Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 4
NCP392B ONSEMI-NCP392B Datasheet
229Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
April, 2015 ??Rev. 1
logo
Kinetic Technologies.
KTS1662 KINETIC-KTS1662 Datasheet
545Kb / 11P
   Adjustable Overvoltage Protection Switch
May 2019 - Revision 04d
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com