Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2704 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP2704
Description  Audio Management Integrated Circuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2704 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP2704 Datasheet HTML 3Page - ON Semiconductor NCP2704 Datasheet HTML 4Page - ON Semiconductor NCP2704 Datasheet HTML 5Page - ON Semiconductor NCP2704 Datasheet HTML 6Page - ON Semiconductor NCP2704 Datasheet HTML 7Page - ON Semiconductor NCP2704 Datasheet HTML 8Page - ON Semiconductor NCP2704 Datasheet HTML 9Page - ON Semiconductor NCP2704 Datasheet HTML 10Page - ON Semiconductor NCP2704 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
NCP2704
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS Min and Max Limits apply for TA between −40°C to +85°C and TJ up to + 125°C for PVDD
between 2.5 V to 5.5 V (Unless otherwise noted). Typical values are referenced to TA = + 25°C and PVDD = 3.6 V, HSVDD = 1.8 V.
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
HEADSET
VOS
Output offset voltage
Input AC grounded
$1
mV
TWU
Turning On time
Slow = 1
Slow = 0
1
34
ms
VLP
Max Output Swing (peak value) (output
in phase)
(see LDO programming table, v
HSVDD − 200 mV)
HSVDD = 1.8 V, Headset = 16 W
HSVDD = 2.5 V, Headset = 16 W
HSVDD = 1.8 V, Headset = 32 W
HSVDD = 2.7 V, Headset = 32 W
HSVDD = 1.8 V, No load
HSVDD = 2.7 V, No load
1
1.65
1.3
2
1.6
2.5
Vpeak
PO
Max Output Power
HSVDD = 1.8V, THD+N = 1%
Headset = 16 W
Headset = 32 W
30
26
mW
PO
Max Output Power
HSVDD = 2.5V, THD+N = 1%
Headset = 16 W
Headset = 32 W
86
62
mW
Crosstalk
−75
dB
PSRR
Power Supply Rejection Ratio
Inputs Shorted to Ground
Gain = 0 dB
F = 217 Hz to 1 kHz
−100
dB
THD+N
Total Harmonic Distortion + Noise
Headset = 16 W
POUT = 15 mW, F = 1 kHz
0.015
%
THD+N
Total Harmonic Distortion + Noise
Headset = 32 W
VOUT = 400 mV, F = 1 kHz
−75
dB
COUT
Maximum Output Capacitance to
Ground
100
pF
ZSD
Output Impedance in Shutdown Mode
25
kW
Channel to channel gain tolerance
TA = +25 °C, volume at 0 dB
$0.3
$2.5
%
FSW2
Headset charge pump switching
frequency
PO > 500 mW
1.2
MHz
FSW3
Headset charge pump switching
frequency
PO < 500 mW
150
KHz
SNR
Signal to Noise Ratio
HSVDD = 1.8 V, POUT = 20 mW, RL
= 16 W
97
dB
8. Guaranteed by design and characterized.


Similar Part No. - NCP2704

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP21WB333 MURATA-NCP21WB333 Datasheet
265Kb / 10P
   for Surface Mounting Application
NCP21WB333J03RA MURATA-NCP21WB333J03RA Datasheet
1Mb / 47P
   NTC Thermistors
NCP21WB333J03RA MURATA-NCP21WB333J03RA Datasheet
1Mb / 44P
   NTC Thermistors
NCP21WB333J03RA MURATA-NCP21WB333J03RA Datasheet
204Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP21WB333J03RA MURATA1-NCP21WB333J03RA Datasheet
448Kb / 3P
   NTC Thermistors
10/24/2022
More results

Similar Description - NCP2704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Rohm
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
Freescale Semiconductor...
MC13783VKR2 FREESCALE-MC13783VKR2 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783_09 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com