Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81253MNTBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP81253MNTBG
Description  5 V MOSFET Driver Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81253MNTBG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP81253MNTBG Datasheet HTML 1Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 2Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 3Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 4Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 5Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 6Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 7Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 8Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP81253
www.onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Min
Max
Main Supply Voltage (Note 1)
VCC
−0.3 V
6.5 V
Bootstrap Supply Voltage
BST
−0.3 V wrt/SW
35 V wrt/GND
40 V (
v 50 ns) wrt/GND
6.5 V wrt/SW
Switch Node Voltage
SW
−5 V
−10 V (
v 200 ns)
35 V
40 V (
v 50 ns)
High−Side Driver Output
DRVH
−0.3 V wrt/SW
−2 V (
v 200 ns) wrt/SW
BST + 0.3 V wrt/SW
Low−Side Driver Output
DRVL
−0.3 V
−5 V (
v 200 ns)
VCC + 0.3 V
DRVH/DRVL Control Input, Enable Pin
PWM, EN
−0.3 V
6.5 V
Ground
GND
0 V
0 V
Storage Temperature Range
TSTG
−55
°C
150
°C
Operating Junction Temperature Range
TJ
−40
°C
150
°C
Moisture Sensitivity Level
MSL
1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, DFN8, 2x2 mm (Note 2)
Thermal Resistance, Junction−to−Air
RqJA
119
°C/W
2. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
Table 4. OPERATING RANGES (Note 3)
Rating
Symbol
Min
Max
Unit
Input Voltage
VCC
4.5
5.5
V
Ambient Temperature
TA
−40
100
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
3. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
Table 5. ELECTRICAL CHARACTERISTICS VCC = 4.5 V to 5.5 V, VBST−SWN = 4.5 V to 5.5 V, BST = 4.5 V to 30 V, SW = 0 V to
21 V; for typical values TA = 25°C, for min/max values TA = −40°C to 100°C; unless otherwise noted. (Notes 4, 5)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE
VCC Operation Voltage
VCC
4.5
5.5
V
UNDERVOLTAGE LOCKOUT
VCC Start Threshold
VCC rising
VUVLO
3.8
4.35
4.5
V
VCC UVLO Hysteresis
VUVLO_HYS
150
200
250
mV
SUPPLY CURRENT
Shutdown Mode
ICC + IBST, EN = GND
Ishutdown
1
20
mA
Normal Mode
ICC + IBST, EN = 5 V, PWM = 400 kHz
No load on driver outputs.
Inormal
1.6
mA
Standby Current 1
ICC + IBST, EN = 5 V, PWM = 0 V
Istandby
0.9
mA
4. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
5. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP81253MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results

Similar Description - NCP81253MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81145 ONSEMI-NCP81145 Datasheet
129Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2013 ??Rev. 0
NCP81151 ONSEMI-NCP81151 Datasheet
133Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
April, 2015 ??Rev. 4
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP5911 ONSEMI-NCP5911 Datasheet
130Kb / 9P
   IMVP7.0 Compatible Synchronous Buck MOSFET Driver
February, 2011 ??Rev. 1
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Analog Devices
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com