Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81253MNTBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP81253MNTBG
Description  5 V MOSFET Driver Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81253MNTBG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP81253MNTBG Datasheet HTML 1Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 2Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 3Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 4Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 5Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 6Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 7Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 8Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP81253
www.onsemi.com
4
Table 5. ELECTRICAL CHARACTERISTICS VCC = 4.5 V to 5.5 V, VBST−SWN = 4.5 V to 5.5 V, BST = 4.5 V to 30 V, SW = 0 V to
21 V; for typical values TA = 25°C, for min/max values TA = −40°C to 100°C; unless otherwise noted. (Notes 4, 5)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
BOOTSTRAP DIODE
Forward Voltage
VCC = 5 V, Forward bias current = 2 mA
0.1
0.4
0.6
V
PWM INPUT
PWM Input High
PWMHI
3.4
V
PWM Mid−State
PWMMID
1.3
2.7
V
PWM Input Low
PWMLO
0.7
V
HIGH−SIDE DRIVER
Output Impedance, Sourcing Current
VBST – VSW = 5 V
0.9
1.7
W
Output Impedance, Sinking Current
VBST – VSW = 5 V
0.7
1.7
W
DRVH Rise Time
VCC = 5 V, Cload = 3 nF, VBST−VSW = 5 V,
DRVH−SW = 90% to 10%
trDRVH
16
25
ns
DRVH Fall Time
VCC = 5 V, Cload = 3 nF , VBST−VSW = 5 V,
DRVH−SW = 90% to 10%
tfDRVH
11
18
ns
DRVH Turn−Off Propagation Delay
Cload = 3 nF, PWM = PWMLO to DRVH = 90%
tpdlDRVH
10
18
30
ns
DRVH Turn−On Propagation Delay
Cload = 3 nF, DRVL = 1 V to DRVH−SW = 10%
tpdhDRVH
10
15
40
ns
SW Pull−down Resistance
SW to GND
45
k
W
DRVH Pull−down Resistance
DRVH to SW
45
k
W
LOW−SIDE DRIVER
Output Impedance, Sourcing Current
VCC = 5 V
0.9
1.7
W
Output Impedance, Sinking Current
VCC = 5 V
0.4
0.8
W
DRVL Rise Time
VCC = 5 V, Cload = 3 nF, VBST−VSW = 5 V,
DRVL = 90% to 10%
trDRVL
11
25
ns
DRVL Fall Time
VCC = 5 V, Cload = 3 nF , VBST−VSW = 5 V,
DRVL = 90% to 10%
tfDRVL
8
15
ns
DRVL Turn−Off Propagation Delay
Cload = 3 nF, PWM = PWMHI to DRVL = 90%
tpdlDRVL
10
15
30
ns
DRVL Turn−On Propagation Delay
Cload = 3 nF, DRVH−SW = 1 V to DRVL = 10%
tpdhDRVL
5
8
25
ns
DRVL Pull−down Resistance
DRVL to GND, VCC = GND
45
k
W
EN INPUT
Enable Voltage High
ENHI
3.3
V
Enable Voltage Mid
ENMID
1.35
1.8
V
Enable Voltage Low
ENLO
0.6
V
Input Bias Current
−1.0
1.0
mA
EN High Propagation Delay Time
PWM = 0 V, EN going from 0 V to ENHI to DRVL
rising to 10%
tpdEN_HI
20
40
ns
SWITCH NODE
SW Node Leakage Current
20
mA
4. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
5. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP81253MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results

Similar Description - NCP81253MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81145 ONSEMI-NCP81145 Datasheet
129Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2013 ??Rev. 0
NCP81151 ONSEMI-NCP81151 Datasheet
133Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
April, 2015 ??Rev. 4
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP5911 ONSEMI-NCP5911 Datasheet
130Kb / 9P
   IMVP7.0 Compatible Synchronous Buck MOSFET Driver
February, 2011 ??Rev. 1
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Analog Devices
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com