Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91117 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91117
Description  7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91117 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91117 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91117 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91117 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Female Right Angle Adapter PE91117
URL: http://www.pasternack.com/7-16-male-7-16-female-right-angle-adapter-pe91117-p.aspx
PE91117
PE91117 REV 1.1
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter


Similar Part No. - PE91117

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
   N Male to UHF Female Adapter
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
   Maximum Insertion Loss
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
   Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
   Maximum Insertion Loss
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
   Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
More results

Similar Description - PE91117

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
   7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
logo
Pomona Electronics
6257 POMONA-6257 Datasheet
68Kb / 1P
   7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
   Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
   7/16 DIN Male to 7/16 DIN Male Adapter
PE9409 PASTERNACK-PE9409 Datasheet
251Kb / 2P
   7/16 DIN Female to 7/16 DIN Female Adapter
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91228 PASTERNACK-PE91228 Datasheet
377Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 UnMated
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
   7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
PE91192 PASTERNACK-PE91192 Datasheet
373Kb / 3P
   7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91227 PASTERNACK-PE91227 Datasheet
373Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com