Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91193 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91193
Description  Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91193 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91193 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91193 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91193 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
7/16 DIN Female
Impedance 1
50 Ohms
Connector 2
7/16 DIN Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range
DC to 6 GHz
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
1.933 [49.1]
.
Connector 1
Type
7/16 DIN Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Environmental Specifications
Temperature
Operating Range
-40 to +120 deg C
Ingress Protection
IP67 Mated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead 7/16 DIN Female to 7/16 DIN Female Adapter IP67 Mated PE91193
PE91193
PE91193 REV 1.0
Bulkhead 7/16 DIN Female to 7/16 DIN
Female Adapter IP67 Mated


Similar Part No. - PE91193

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
   SMC PLUG TO SMC JACK
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91192 PASTERNACK-PE91192 Datasheet
373Kb / 3P
   7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91194 PASTERNACK-PE91194 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
More results

Similar Description - PE91193

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91192 PASTERNACK-PE91192 Datasheet
373Kb / 3P
   7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
   7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91215 PASTERNACK-PE91215 Datasheet
330Kb / 3P
   7 - 16 DIN Female to N Female Bulkhead Adapter IP67 Mated
PE91230 PASTERNACK-PE91230 Datasheet
365Kb / 3P
   Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE91213 PASTERNACK-PE91213 Datasheet
355Kb / 3P
   7 - 16 DIN Female to N Female Adapter IP67 Mated
PE91210 PASTERNACK-PE91210 Datasheet
365Kb / 3P
   Bulkhead 7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
   7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
PE91229 PASTERNACK-PE91229 Datasheet
372Kb / 3P
   7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE91208 PASTERNACK-PE91208 Datasheet
359Kb / 3P
   7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91214 PASTERNACK-PE91214 Datasheet
357Kb / 3P
   7 - 16 DIN Female to N Male Adapter IP67 Mated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com