Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91257 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91257
Description  Bulkhead 4.1 - 9.5 Mini DIN Female to N Female Adapter IP67 UnMated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91257 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91257 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91257 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91257 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Bulkhead 4.1/9.5 Mini DIN Female to N Female Adapter IP67 UnMated from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead 4.1/9.5 Mini DIN Female to N Female Adapter IP67 UnMated PE91257
URL: http://www.pasternack.com/4.1-9.5-mini-din-female-n-female-straight-adapter-pe91257-p.aspx
PE91257
PE91257 REV 1.0
Bulkhead 4.1/9.5 Mini DIN Female to N
Female Adapter IP67 UnMated


Similar Part No. - PE91257

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9125 PASTERNACK-PE9125 Datasheet
253Kb / 3P
   N Male to HN Female Adapter
PE91250 PASTERNACK-PE91250 Datasheet
357Kb / 3P
   7 - 16 DIN Female to N Female Adapter IP67 UnMated
PE91251 PASTERNACK-PE91251 Datasheet
356Kb / 3P
   7 - 16 DIN Female to N Male Adapter IP67 UnMated
PE91252 PASTERNACK-PE91252 Datasheet
363Kb / 3P
   Bulkhead 7 - 16 DIN Female to N Female Adapter IP67 UnMated
PE91253 PASTERNACK-PE91253 Datasheet
359Kb / 3P
   4.1 - 9.5 Mini DIN Male to N Male Adapter IP67 UnMated
More results

Similar Description - PE91257

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91234 PASTERNACK-PE91234 Datasheet
368Kb / 3P
   Bulkhead 4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91233 PASTERNACK-PE91233 Datasheet
357Kb / 3P
   4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91255 PASTERNACK-PE91255 Datasheet
374Kb / 3P
   4.1 - 9.5 Mini DIN Female to N Female Adapter IP67 UnMated
PE91232 PASTERNACK-PE91232 Datasheet
359Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91247 PASTERNACK-PE91247 Datasheet
366Kb / 3P
   Bulkhead 7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91197 PASTERNACK-PE91197 Datasheet
366Kb / 3P
   Bulkhead 4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91254 PASTERNACK-PE91254 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Male to N Female Adapter IP67 UnMated
PE91256 PASTERNACK-PE91256 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Female to N Male Adapter IP67 UnMated
PE91245 PASTERNACK-PE91245 Datasheet
358Kb / 3P
   7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91220 PASTERNACK-PE91220 Datasheet
337Kb / 3P
   Bulkhead 4.1/9.5 Mini DIN Female to N Female Adapter IP67 Mated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com