Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5538Y292X4-080V4HR-HE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B5538Y292X4-080V4HR-HE
Description  2U High-Density and Power-Efficient Platform for VHD/VDI Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B5538Y292X4-080V4HR-HE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B5538Y292X4-080V4HR-HE Datasheet HTML 1Page - List of Unclassifed Manufacturers B5538Y292X4-080V4HR-HE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
TYAN Business Unit
MiTAC Computing Technology Corp.
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
(Specifications are subject to change without notice. Items pictured may only be representative.)
YR292-B5538
B5538Y292X4-080V4HR-HE
2U Rackmount
Four nodes in one chassis
YR292
28.74" x 17.32" x 1.72" (730 x 440 x 43.6mm)
S5538GM3NR-HE
29KG
(1) RST / (1) PWR / (1) ID
(1) PWR / (1) BMC / (2) LAN / (1) HDD
(2) USB ports
2.5" Hot-Swap / (4)
SATA-III 6.0Gb/s
System Cooling
Configuration
(per blade)
(3) 4cm fans
RPSU
Full-range AC(100-240V) 240VDC support
800 Watts
PFC / 80-plus Platinum
1+1
Intel Xeon E3-1200 v3 series processors
LGA 1150/ (1)
Max up to 95W
Intel C226
-
(4) DIMM slots
DDR3/DDR3L 1066 / 1333 /1600 UDIMM ECC
Up to 32GB UDIMM ECC 1333/1066 memory
2 Channels per CPU
1.5V
Expansion Slots
(per blade)
(1) PCI-E Low-Profile Gen.3 x16 slot
(2) GbE ports + (1) dedicated for IPMI
Intel I350-AM2 / Intel I210
Redundancy
Power Supply
Efficiency
Memory voltage
Processor (per
blade)
Supported CPU Series
Socket Type / Q'ty
LAN (per blade)
Port Q'ty
Controller
Input Range
Output Watts
Gross Weight
System
Buttons
FAN
Type
Feature
Thermal Design
Power (TDP) wattage
Chipset (per
blade)
Super I/O
Memory (per
blade)
PCI-E
Supported DIMM Qty
DIMM Type / Speed
Capacity
Memory channel
LEDs
I/O Ports
Front Panel (per
blade)
Supported HDD
Interface
Type / Q'ty
Motherboard
External Drive
Bay (per blade)
Form Factor
Chassis Name
Dimension (H x W x D)
Chipset
Connector
(6) SATA
Controller
Intel C226
Speed
6.0 Gb/s
RAID
RAID 0/1/10/5 (Intel RAID)
D-Sub 15-pin
1600x1200
Aspeed AST2300
(4) ports (2 at front, 2 at rear)
(1) D-Sub 15-pin VGA port
(3) ports (1 dedicate port for IPMI)
Aspeed AST2300
Monitors temperature for CPU & system
environment
Fan fail LED indicator / Over temperature
warning indicator
Onboard Aspeed AST2300
IPMI 2.0 compliant baseboard management
controller (BMC) / Supports storage over IP
and remote platform-flash / USB 2.0 virtual
hub
24-bit high quality video compression /
10/100/1000 Mb/s MAC interface
AMI / 16MB
User-configurable H/W monitoring / ACPI 3.0
power management/PXE boot / ACPI sleeping
states S3,S4,S5 / SMBIOS 2.8/PnP/Wake on
LAN
Class A
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
RoHS
Yes
Resolution
Regulation
FCC (DoC)
CE (DoC)
Onboard Chipset
Graphic (per
blade)
Connector type
Chipset
Feature
Chipset
Voltage
System
Management
(per blade)
AST2300 IPMI Feature
AST2300 iKVM Feature
System
Monitoring (per
blade)
Input /Output
(per blade)
USB
VGA
RJ-45
Operating
Environment
Operating Temp.
Non-operating Temp.
In/Non-operating
Humidity
LEDs
Brand / ROM size
BIOS (per blade)
RoHS 6/6 Complaint
SATA
Storage (per
blade)


Similar Part No. - B5538Y292X4-080V4HR-HE

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B553-2 CRYDOM-B553-2 Datasheet
802Kb / 5P
   Eight Circuits to Choose from
logo
List of Unclassifed Man...
B5531F65X18-160PV2R ETC2-B5531F65X18-160PV2R Datasheet
750Kb / 2P
   4U WITH 18 NODES HIGH DENSITY SERVER PLATFORM
B5531F65X18-160PV2R-HE ETC2-B5531F65X18-160PV2R-HE Datasheet
750Kb / 2P
   4U WITH 18 NODES HIGH DENSITY SERVER PLATFORM
More results

Similar Description - B5538Y292X4-080V4HR-HE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
   2U AMD G34 platform for General applications
PVS10005 ETC2-PVS10005 Datasheet
720Kb / 6P
   Compact, high power density, 2U package
S8236 ETC2-S8236 Datasheet
751Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & GPGPU applications
S8226 ETC2-S8226 Datasheet
827Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & IPDC applications
GN70-B7086 ETC2-GN70-B7086 Datasheet
1Mb / 2P
   2U Rack-Optimized Server Platform for HPC
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
   Excellent for high density applications
logo
List of Unclassifed Man...
S8238 ETC2-S8238 Datasheet
698Kb / 2P
   High-density dual-socket server platform for HPC application
GT26A-B8812 ETC2-GT26A-B8812 Datasheet
697Kb / 2P
   1U QUAD SOCKET PLATFORM FOR HIGH-DENSITY HPC APPLICATION
S8228 ETC2-S8228 Datasheet
565Kb / 2P
   High-density dual-socket server platform for IPDC environment
FX-5220 ETC2-FX-5220 Datasheet
194Kb / 2P
   High performance 2U server rackmount network security platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com