Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA3291A-E1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # SA3291A-E1
Description  Preconfigured Wireless DSP System for Hearing Aids
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3291A-E1 Datasheet(HTML) 5 Page - ON Semiconductor

  SA3291A-E1 Datasheet HTML 1Page - ON Semiconductor SA3291A-E1 Datasheet HTML 2Page - ON Semiconductor SA3291A-E1 Datasheet HTML 3Page - ON Semiconductor SA3291A-E1 Datasheet HTML 4Page - ON Semiconductor SA3291A-E1 Datasheet HTML 5Page - ON Semiconductor SA3291A-E1 Datasheet HTML 6Page - ON Semiconductor SA3291A-E1 Datasheet HTML 7Page - ON Semiconductor SA3291A-E1 Datasheet HTML 8Page - ON Semiconductor SA3291A-E1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AYRE SA3291
www.onsemi.com
5
Table 2. ELECTRICAL CHARACTERISTICS (Supply Voltage VB = NVB = 1.25 V; Temperature = 25°C) (continued)
Parameter
Units
Max
Typ
Min
Conditions
Symbol
INPUT
Analog Input Voltage Range
VAN_IN
VIN1, VIN2, Al
0
800
mV
VAN_TIN
TIN
−100
800
Input Dynamic Range
HRX − ON Bandwidth
100 Hz − 8 kHz
95
96
dB
Audio Sampling Rate
8
48
kHz
OUTPUT
D/A Dynamic Range
100 Hz − 8 kHz
88
dB
Output Impedance
ZOUT
10
13
W
VOLUME CONTROL
Volume Control Resistance
RVC
Three−terminal connection
200
1000
k
W
Volume Control Range
42
dB
PC_SDA INPUT
Logic 0 Voltage
0
0.3
V
Logic 1 Voltage
1
1.25
V
PC_SDA OUTPUT
Stand−by Pull Up Current
Creftrim = 6
3
5
6.5
mA
Sync Pull Up Current
Creftrim = 6
748
880
1020
mA
Max Sync Pull Up Current
Creftrim = 15
1380
mA
Min Sync Pull Up Current
Creftrim = 0
550
mA
Logic 0 Current (Pull Down)
Creftrim = 6
374
440
506
mA
Logic 1 Current (Pull Up)
Creftrim = 6
374
440
506
mA
Synchronization Time
(Synchronization Pulse Width)
TSYNC
Baud = 0
237
250
263
ms
Baud = 1
118
125
132
Baud = 2
59
62.5
66
Baud = 3
29.76
31.25
32.81
Baud = 4
14.88
15.63
16.41
Baud = 5
7.44
7.81
8.20
Baud = 6
3.72
3.91
4.10
Baud = 7
1.86
1.95
2.05
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - SA3291A-E1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA3291A-E1 ONSEMI-SA3291A-E1 Datasheet
181Kb / 21P
   Preconfigured Wireless DSP System
April, 2016 ??Rev. 8
SA3291A-E1-T ONSEMI-SA3291A-E1-T Datasheet
181Kb / 21P
   Preconfigured Wireless DSP System
April, 2016 ??Rev. 8
More results

Similar Description - SA3291A-E1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3920 ONSEMI-R3920_16 Datasheet
127Kb / 13P
   Preconfigured DSP System for Hearing Aids
September, 2016 ??Rev. 5
SA3291 ONSEMI-SA3291_16 Datasheet
181Kb / 21P
   Preconfigured Wireless DSP System
April, 2016 ??Rev. 8
GB3225 ONSEMI-GB3225 Datasheet
113Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
E7160-0-102A57-AG ONSEMI-E7160-0-102A57-AG Datasheet
842Kb / 19P
   Wireless-Enabled Audio Processor for Hearing Aids
January, 2021 ??Rev. 7
R3710 ONSEMI-R3710_16 Datasheet
147Kb / 18P
   Preconfigured DSP System
June, 2016 ??Rev. 6
R3910 ONSEMI-R3910 Datasheet
172Kb / 22P
   Preconfigured DSP System
August, 2015 ??Rev. 9
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
R3920 ONSEMI-R3920 Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com