Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5003 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5003
Description  Quartz Crystal Oscillator IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5003 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5003 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NIPPON PRECISION CIRCUITS-2
SM5003 Series
PAD DIMENSIONS
Q
XT
(1000,800)
VDD
INH
XT
VSS
(0,0)
X
Y
PAD COORDINATES
Name
Coordinates (
µm)
XY
VSS
150
174
XT
570
170
INH
850
150
VDD
850
450
XT
850
650
Q
150
650
Chip size : 1.00
×0.80mm
Chip thickness : 250±30
µm
Chip reverse side : VDD level
PIN CONFIGURATION (Top View)
1
INH
2
XT
3
VSS
4
Q
5
VDD
6XT
TERMINAL DESCRIPTIONS
Name
Descriptions
XT
XT
INH
VDD
VSS
Q
Oscillator input pin
Oscillator output pin
Output state control input pin (with buit-in pull-up resistance)
Supply voltage
Ground
Output pin (fo:Oscillator frequency output XT pin)


Similar Part No. - SM5003

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SM500308-1 DBUNLIMITED-SM500308-1 Datasheet
294Kb / 1P
   Released from Engineering
SM500308-2 DBUNLIMITED-SM500308-2 Datasheet
1Mb / 1P
   Released from Engineering
SM500316-1 DBUNLIMITED-SM500316-1 Datasheet
326Kb / 1P
   Released from Engineering
More results

Similar Description - SM5003

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5623N NPC-SM5623N Datasheet
159Kb / 8P
   Quartz Crystal Oscillator IC
SM5013 NPC-SM5013 Datasheet
68Kb / 10P
   Quartz Crystal Oscillator IC
SM5624N NPC-SM5624N Datasheet
112Kb / 6P
   Quartz Crystal Oscillator Module IC
logo
New Japan Radio
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
   LVDS-output Quartz Crystal Oscillator IC
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com