Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-FA72SA50LC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-FA72SA50LC
Description  Power MOSFET, 72 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-FA72SA50LC Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-FA72SA50LC_15 Datasheet HTML 1Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 2Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 3Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 4Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 5Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 6Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 7Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 8Page - Vishay Siliconix VS-FA72SA50LC_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VS-FA72SA50LC
www.vishay.com
Vishay Semiconductors
Revision: 13-Aug-13
1
Document Number: 94782
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET, 72 A
FEATURES
• Fully isolated package
• Easy to use and parallel
• Low on-resistance
• Dynamic dV/dt rating
• Fully avalanche rated
• Simple drive requirements
• Low gate charge device
• Low drain to case capacitance
• Low internal inductance
• UL approved file E78996
• Designed for industrial level
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
Third
Generation
Power
MOSFETs
from
Vishay
Semiconductors provide the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness.
The SOT-227 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 600 W to 1000 W. The low thermal
resistance
of the SOT-227 contribute to its wide
acceptance throughout the industry.
Notes
(1) Repetitive rating; pulse width limited by maximum junction temperature (see fig. 18)
(2) Starting TJ = 25 °C, L = 500 μH, Rg = 2.4 , IAS = 57 A (see fig. 18)
(3) ISD 57 A, dIF/dt  200 A/μs, VDD  V(BR)DSS, TJ  150 °C
PRODUCT SUMMARY
VDSS
500 V
RDS(on)
61.5 m
ID
72 A
Type
Modules - MOSFET
Package
SOT-227
SOT-227
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Continuous drain current at VGS 10 V
ID
TC = 25 °C
72
A
TC = 90 °C
52
Pulsed drain current
IDM (1)
228
Power dissipation
PD
TC = 25 °C
1136
W
TC = 90 °C
545
Gate to source voltage
VGS
± 20
V
Single pulse avalanche energy
EAS (2)
725
mJ
Repetitive avalanche current
IAR (1)
22
A
Repetitive avalanche energy
EAR (1)
120
mJ
Peak diode recovery dV/dt
dV/dt (3)
10
V/ns
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C
Insulation withstand voltage (AC-RMS)
VISO
2.5
kV
Mounting torque
M4 screw, on terminals and heatsink
1.3
Nm


Similar Part No. - VS-FA72SA50LC_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA72SA50LC VISHAY-VS-FA72SA50LC_V01 Datasheet
236Kb / 10P
   Power MOSFET, 72 A
01-Jan-2022
More results

Similar Description - VS-FA72SA50LC_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA72SA50LC VISHAY-VS-FA72SA50LC Datasheet
332Kb / 10P
   Power MOSFET, 72 A
Revision: 13-Aug-13
VS-FA72SA50LC VISHAY-VS-FA72SA50LC_V01 Datasheet
236Kb / 10P
   Power MOSFET, 72 A
01-Jan-2022
logo
ON Semiconductor
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD70N03R ONSEMI-NTD70N03R Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
NTTFS080N10G ONSEMI-NTTFS080N10G Datasheet
203Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL 100 V, 72 m, 16 A
July, 2021 ??Rev. 0
NVB072N65S3 ONSEMI-NVB072N65S3 Datasheet
227Kb / 8P
   MOSFET - Power, N-Channel, Automotive SUPERFET III, Easy-Drive 650 V, 72 m, 44 A
September, 2021 ??Rev. 5
logo
STMicroelectronics
STW75N60M6-4 STMICROELECTRONICS-STW75N60M6-4 Datasheet
513Kb / 12P
   N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO247-4 package
DS12411 - Rev 2 - December 2018
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
   Automotive N-channel 650 V, 33 m廓 typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STW75N60M6 STMICROELECTRONICS-STW75N60M6 Datasheet
539Kb / 13P
   N-channel 600 V, 32 mΩ typ., 72 A, MDmesh™ M6 Power MOSFET in a TO‑247 package
DS12410 - Rev 2 - November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com