Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C1H6R8DA01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM0332C1H6R8DA01
Description  Rated voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0332C1H6R8DA01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM0332C1H6R8DA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0332C1H6R8DA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GRM0332C1H6R8DA01#
# indicates a package specification code.
< List of part numbers with package codes >
GRM0332C1H6R8DA01D , GRM0332C1H6R8DA01W , GRM0332C1H6R8DA01J
Shape
L size
0.6 ±0.03mm
W size
0.3 ±0.03mm
T size
0.3 ±0.03mm
External terminal width e
0.1 to 0.2mm
Distance between external terminals g
0.2mm min.
Size code in inch(mm)
0201 (0603)
Specifications
Capacitance
6.8pF ±0.5pF
Rated voltage
50Vdc
Temperature characteristics (complied standard)
CH(JIS)
Temperature coefficient
0±60ppm/℃
Temperature range of temperature characteristics
20 to 125℃
Operating temperature range
-55 to 125℃
References
Packaging
Specifications
Minimum quantity
φ180mm Paper taping
15000
φ330mm Paper taping
50000
φ180mm Paper taping (W8P1*)
* Width : 8mm, Pocket pitch : 1mm
30000
Mass (typ.)
1 piece
0.33mg
φ180mm Reel
118g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2015/12/01


Similar Part No. - GRM0332C1H6R8DA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0332C1H6R8BA01 MURATA-GRM0332C1H6R8BA01 Datasheet
94Kb / 2P
   Rated voltage
GRM0332C1H6R8CA01 MURATA-GRM0332C1H6R8CA01 Datasheet
94Kb / 2P
   Rated voltage
GRM0332C1H6R8WA01 MURATA-GRM0332C1H6R8WA01 Datasheet
94Kb / 2P
   Rated voltage
More results

Similar Description - GRM0332C1H6R8DA01

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFH JBCAPACITORS-JFH Datasheet
319Kb / 1P
   Rated Voltage
logo
Murata Manufacturing Co...
GRM0222C1H680GA02 MURATA-GRM0222C1H680GA02 Datasheet
92Kb / 2P
   Rated voltage
GRM0224C1CR24BD05 MURATA-GRM0224C1CR24BD05 Datasheet
49Kb / 1P
   Rated voltage
GRM0224C1CR39BD05 MURATA-GRM0224C1CR39BD05 Datasheet
49Kb / 1P
   Rated voltage
GRM0224C1CR40BD05 MURATA-GRM0224C1CR40BD05 Datasheet
103Kb / 2P
   Rated voltage
GRM0224C1CR60DD05 MURATA-GRM0224C1CR60DD05 Datasheet
49Kb / 1P
   Rated voltage
GRM0222C1C6R0WA03 MURATA-GRM0222C1C6R0WA03 Datasheet
50Kb / 1P
   Rated voltage
GRM0222C1C6R8WA03 MURATA-GRM0222C1C6R8WA03 Datasheet
50Kb / 1P
   Rated voltage
GRM0222C1C8R0BA03 MURATA-GRM0222C1C8R0BA03 Datasheet
50Kb / 1P
   Rated voltage
GRM0223C1C2R3BA03 MURATA-GRM0223C1C2R3BA03 Datasheet
50Kb / 1P
   Rated voltage
GRM0223C1C2R5CA03 MURATA-GRM0223C1C2R5CA03 Datasheet
50Kb / 1P
   Rated voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com