Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5150HGD16 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5150HGD16
Description  CPU 4?묪it Synchronous Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5150HGD16 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5150HGD16 Datasheet HTML 1Page - ON Semiconductor CS5150HGD16 Datasheet HTML 2Page - ON Semiconductor CS5150HGD16 Datasheet HTML 3Page - ON Semiconductor CS5150HGD16 Datasheet HTML 4Page - ON Semiconductor CS5150HGD16 Datasheet HTML 5Page - ON Semiconductor CS5150HGD16 Datasheet HTML 6Page - ON Semiconductor CS5150HGD16 Datasheet HTML 7Page - ON Semiconductor CS5150HGD16 Datasheet HTML 8Page - ON Semiconductor CS5150HGD16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number:
CS5150H/D
CS5150H
CPU 4−Bit Synchronous
Buck Controller
The CS5150H is a 4−bit synchronous dual N−Channel buck
controller. It is designed to provide unprecedented transient response
for today’s demanding high−density, high−speed logic. The regulator
operates using a proprietary control method, which allows a 100 ns
response time to load transients. The CS5150H is designed to operate
over a 4.25−20 V range (VCC) using 12 V to power the IC and 5.0 V or
12 V as the main supply for conversion.
The CS5150H is specifically designed to power Pentium® Pro
processors and other high performance core logic. It includes the
following features: on board, 4−bit DAC, short circuit protection,
1.0% output tolerance, VCC monitor, and programmable Soft Start
capability. The CS5150H is upward compatible with the 5−bit
CS5155H, allowing the mother board designer the capability of using
either the CS5150H or the CS5155H with no change in layout. The
CS5150H is available in 16 pin surface mount.
Features
Dual N−Channel Design
Excess of 1.0 MHz Operation
100 ns Transient Response
4−Bit DAC
Upward Compatible with 5−Bit CS5155H/CS5156H
30 ns Gate Rise/Fall Times
1.0% DAC Accuracy
5.0 V & 12 V Operation
Remote Sense
Programmable Soft Start
Lossless Short Circuit Protection
VCC Monitor
25 ns FET Nonoverlap Time
Adaptive Voltage Positioning
V2™ Control Topology
Current Sharing
Overvoltage Protection
CS5150HGDR16
http://onsemi.com
MARKING
DIAGRAM
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5150HGD16
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
PIN CONNECTIONS
SOIC−16
D SUFFIX
CASE 751B
1
CS5150H
AWLYWW
16
VCC2
VFFB
1
16
VGATE(H)
COFF
PGND
NC
VGATE(L)
SS
VCC1
VID3
LGND
VID2
COMP
VID1
VFB
VID0
1
16


Similar Part No. - CS5150HGD16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5150HGD16 CHERRY-CS5150HGD16 Datasheet
322Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
More results

Similar Description - CS5150HGD16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
CS5157 ONSEMI-CS5157 Datasheet
603Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 7
CS5165 ONSEMI-CS5165 Datasheet
718Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
CS5155 ONSEMI-CS5155 Datasheet
635Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com