Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMUN5313DW1T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SMUN5313DW1T1G
Description  Complementary Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5313DW1T1G Datasheet(HTML) 1 Page - ON Semiconductor

  SMUN5313DW1T1G Datasheet HTML 1Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 2Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 3Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 4Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 5Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 6Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 7Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 8Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2012
November, 2012 − Rev. 1
1
Publication Order Number:
DTC144EP/D
MUN5313DW1,
SMUN5313DW1,
NSBC144EPDXV6,
NSBC144EPDP6
Complementary Bias
Resistor Transistors
R1 = 47 kW, R2 = 47 kW
NPN and PNP Transistors with Monolithic
Bias Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a
base-emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT
can reduce both system cost and board space.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
S and NSV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC-Q101 Qualified and PPAP Capable
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
(TA = 25°C both polarities Q1 (PNP) & Q2 (NPN), unless otherwise noted)
Rating
Symbol
Max
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
40
Vdc
Input Reverse Voltage
VIN(rev)
10
Vdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
Device
Package
Shipping
MUN5313DW1T1G,
SMUN5313DW1T1G
SOT−363
3,000/Tape & Reel
SMUN5313DW1T3G
SOT−363
10,000/Tape & Reel
NSBC144EPDXV6T1G
NSVB144EPDXV6T1G
SOT−563
4,000/Tape & Reel
NSBC144EPDXV6T5G
SOT−563
8,000/Tape & Reel
NSBC144EPDP6T5G
SOT−963
8,000/Tape & Reel
†For information on tape and reel specifications, including part orientation and
tape sizes, please refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MARKING DIAGRAMS
PIN CONNECTIONS
13 M G
G
1
6
13 M G
G
1
13/K
= Specific Device Code
M
= Date Code*
G
= Pb-Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
SOT−363
CASE 419B
SOT−563
CASE 463A
Q1
Q2
(1)
(2)
(3)
(6)
(5)
(4)
R1
R2
R2
R1
SOT−963
CASE 527AD
M G
G
1


Similar Part No. - SMUN5313DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5313DW1T1G ONSEMI-SMUN5313DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5313DW1T1G ONSEMI-SMUN5313DW1T1G Datasheet
105Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
More results

Similar Description - SMUN5313DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com