Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5013 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5013
Description  Quartz Crystal Oscillator IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5013 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5013 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5013 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SM5013 series
NIPPON PRECISION CIRCUITS—8
Load Circuit 1
Load Circuit 2
Q output
CL=15pF(Including
probe capacity)
CL
Q output
VDD
CL
CL=15pF(Including
proove capacity)
R=800
R


Similar Part No. - SM5013

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM501-1 DATATRONICS-SM501-1 Datasheet
56Kb / 1P
   SURFACE MOUNT TELECOM TRANSFORMER SM501-1
logo
Nippon Precision Circui...
SM5010 NPC-SM5010 Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5013

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5623N NPC-SM5623N Datasheet
159Kb / 8P
   Quartz Crystal Oscillator IC
SM5624N NPC-SM5624N Datasheet
112Kb / 6P
   Quartz Crystal Oscillator Module IC
logo
New Japan Radio
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
   LVDS-output Quartz Crystal Oscillator IC
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
   QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com