Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT23-550 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT23-550
Description  NEMA 23 High Torque Step Motor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT23-550 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT23-550 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT23-550 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT23-550 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Datasheet
www.Applied-Motion.com
HT23-550
NEMA 23 High Torque Step Motor
1pc. - 140.00
50pc. - 105.00
Product Features
2-phase hybrid step motor
High torque design
Standard NEMA 23 dimensions
Optimized for high bus voltage
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
Product Description:
The HT23-550 two-phase stepper motor is designed for use with the STAC6 series of stepper drives (120 VAC
input versions only) and is suitable for a wide range of motion control applications. The motor comes with an
integral 10 ft shielded cable and a preassembled drive connector for easy connection to a STAC6 drive.
When not used with STAC6 drives, the preassembled drive connector can be removed to reveal 8 motor leads
plus 1 ground lead. The 8 motor leads can be connected in one of three ways to the step motor drive of your
choice: bipolar series (required for STAC6 drives), bipolar parallel, or unipolar.
Note: The HT23-550 step motor has been superseded by theHT23-554 step motor for use in all new applications
with STAC6 stepper drives.
This motor has features which do not conform to standard NEMA for gearhead ordering purposes. Stated lead
time for a gearhead ordered with this motor may be longer than shown. Please call for delivery on a gearhead
being ordered with this motor.
Description


Similar Part No. - HT23-550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-552 ETC2-HT23-552 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-553 ETC2-HT23-553 Datasheet
84Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-554 ETC2-HT23-554 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-559 ETC2-HT23-559 Datasheet
154Kb / 3P
   NEMA 23 High Torque Step Motor, 0.9 Degree
More results

Similar Description - HT23-550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-595 ETC2-HT23-595 Datasheet
82Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-552 ETC2-HT23-552 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-596 ETC2-HT23-596 Datasheet
81Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-597 ETC2-HT23-597 Datasheet
81Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-549 ETC2-HT23-549 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-600 ETC2-HT23-600 Datasheet
82Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-401 ETC2-HT23-401 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-395 ETC2-HT23-395 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-399 ETC2-HT23-399 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-548 ETC2-HT23-548 Datasheet
82Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-593 ETC2-HT23-593 Datasheet
81Kb / 3P
   NEMA 23 High Torque Step Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com