Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT24-105 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT24-105
Description  HT24-105
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT24-105 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT24-105 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT24-105 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT24-105 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
HT24-105
Frame Size:
NEMA 24
Motor Type:
High torque
Part Number w/Double
Shaft:
HT24-105D
Part Number
w/Encoder:
HT24-105D-ZAA
Motor Length:
2.13 inches
Number of Lead
Wires:
4
Lead Wire
Configuration:
flying leads, no connector
Lead Wire/Cable
Length:
12 inches inches
Lead Wire Gauge:
22 AWG
Bipolar Holding
Torque:
177 oz-in
Step Angle:
1.8 deg
Bipolar Parallel
Current:
4.00 A/phase
Bipolar Parallel
Resistance:
0.43 Ohms/phase
Bipolar Parallel
Inductance:
1.1 mH/phase
Rotor Inertia:
6.37E-03 oz-in-sec
Integral Gearhead:
No
Weight:
1.8 lbs
Storage Temperature:
-30 to 70 °C
Operating
Temperature:
-20 to 50 °C
Insulation Class:
Class B (130 ºC)
Shaft Run Out:
0.001 inch T.I.R. max
Radial Play:
0.001 inch max w/ 1.1 lb load
End Play:
0.003 inch max w/ 1.1 lb load
Perpendicularity:
0.004 inches
Concentricity:
0.002 inches
Specifications
2


Similar Part No. - HT24-105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT24-100 ETC2-HT24-100 Datasheet
109Kb / 3P
   NEMA 24 High Torque Step Motor
HT24-106 ETC2-HT24-106 Datasheet
86Kb / 3P
   NEMA 24 High Torque Step Motor
HT24-108 ETC2-HT24-108 Datasheet
88Kb / 3P
   NEMA 24 High Torque Step Motor
More results

Similar Description - HT24-105

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD289PB JIANGHAI-CD289PB Datasheet
1Mb / 5P
   2000h at 105
logo
United Chemi-Con, Inc.
EKRE6R3E CHEMI-CON-EKRE6R3E Datasheet
277Kb / 1P
   5mm height, 105?
EKRE500E CHEMI-CON-EKRE500E Datasheet
277Kb / 1P
   5mm height, 105?
EKMG101E CHEMI-CON-EKMG101E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
ELXV6R3E CHEMI-CON-ELXV6R3E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV500E CHEMI-CON-ELXV500E Datasheet
438Kb / 3P
   Low impedance, 105?
EMZJ100ADA CHEMI-CON-EMZJ100ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EKMG250E CHEMI-CON-EKMG250E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
EKMG350E CHEMI-CON-EKMG350E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
EKRG6R3E CHEMI-CON-EKRG6R3E Datasheet
363Kb / 2P
   Low profile, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com