Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLV12S12-150 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMLV12S12-150
Description  Encapsulated for Added Ruggedness
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMLV12S12-150 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMLV12S12-150 Datasheet HTML 1Page - Wall Industries,Inc. CMLV12S12-150 Datasheet HTML 2Page - Wall Industries,Inc. CMLV12S12-150 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/24/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 3
CMLV Series
Half-Brick
50-150 Watt, Single Output
Chassis Mount DC/DC Converter
Rev D
MODEL SELECTION GUIDE
Model Number for
Threaded Inserts
Model Number for
Thru-Hole Inserts
Input Voltage Range
Output Voltage
Output Current
Output Power
CMLV12S3.3-75
CMLV12S3.3-75TH
3.3 VDC
21.4A
75W
CMLV12S5-100
CMLV12S5-100TH
5 VDC
20.0A
100W
CMLV12S8-100
CMLV12S8-100TH
8 VDC
12.5A
100W
CMLV12S12-100
CMLV12S12-100TH
12 VDC
8.3A
100W
CMLV12S12-120
CMLV12S12-120TH
12 VDC
10.0A
120W
CMLV12S12-150
CMLV12S12-150TH
12 VDC
12.5A
150W
CMLV12S15-50
CMLV12S15-50TH
15 VDC
3.3A
50W
CMLV12S15-100
CMLV12S15-100TH
15 VDC
6.6A
100W
CMLV12S15-125
CMLV12S15-125TH
15 VDC
8.3A
125W
CMLV12S15-150
CMLV12S15-150TH
15 VDC
10.0A
150W
CMLV12S18-150
CMLV12S18-150TH
18 VDC
8.33A
150W
CMLV12S20-100
CMLV12S20-100TH
20 VDC
5.0A
100W
CMLV12S24-150
CMLV12S24-150TH
24 VDC
6.25A
150W
CMLV12S26-150
CMLV12S26-150TH
26 VDC
5.76A
150W
CMLV12S28-150
CMLV12S28-150TH
28 VDC
5.35A
150W
CMLV12S48-150
CMLV12S48-150TH
12/24 VDC
(10 - 36 VDC)
48VDC
3.125A
150W
NOTES
1. Pin to pin tolerance: ±0.01" [± 0.3mm], pin diameter tolerance: ± 0.005" [± 0.13mm].
2. Case material of the DC/DC converter: 0.040" [1.02mm] thick, aluminum alloy 3003-0, per: QQA 250/2.
3. Unit comes with either 3M x 0.5 threaded thru inserts or for Ø.125 thru-hole for the chassis mount board add "TH" suffix to
model part number (Ex: CMLV12S15-100TH).
4. Active high enable is standard; for active low enable add the suffix “R” to the part number (Ex: CMLV12S15-100R).
DERATING CURVE
CMLV12S26-150 AMBIENT vs OUTPUT CURRENT


Similar Part No. - CMLV12S12-150

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CML-325 VCC-CML-325 Datasheet
77Kb / 1P
   LOW PROFILE LENS 5MM ROUND FRESNEL
CML-327 VCC-CML-327 Datasheet
76Kb / 1P
   5MM ROUND PLAIN END LENS
logo
Stackpole Electronics, ...
CML0402 SEI-CML0402 Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
CML0402C0G0R1BT100V SEI-CML0402C0G0R1BT100V Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
CML0402C0G0R1BT50V SEI-CML0402C0G0R1BT50V Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
More results

Similar Description - CMLV12S12-150

ManufacturerPart #DatasheetDescription
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
Infineon Technologies A...
IPP410N30N INFINEON-IPP410N30N Datasheet
1Mb / 12P
   Optimized for hard commutation ruggedness
Rev.2.0,2014-12-27
logo
Projects Unlimited, Inc...
ANM-5254L-R PUI-ANM-5254L-R Datasheet
266Kb / 1P
   ADDED TERMINAL POLARITY
logo
Advanced Semiconductor
HVV1011-1000L ASI-HVV1011-1000L Datasheet
376Kb / 3P
   Excellent Ruggedness
logo
Level One
HVE-9111R LVL1-HVE-9111R Datasheet
388Kb / 2P
   Screw-in power socket for added safety
logo
Laird Tech Smart Techno...
MSD50NBT LSTD-MSD50NBT Datasheet
1Mb / 38P
   Added section numbering
logo
AZ Displays
AQM1056B AZDISPLAYS-AQM1056B Datasheet
116Kb / 1P
   added ThreeBond 1530C
logo
Laird Tech Smart Techno...
MSD40NBT LSTD-MSD40NBT Datasheet
1Mb / 34P
   Added PCM defaults
logo
Advanced Semiconductor
HVV0405-1000 ASI-HVV0405-1000 Datasheet
353Kb / 3P
   Excellent Ruggedness
logo
Projects Unlimited, Inc...
AOM-6746L-R PUI-AOM-6746L-R Datasheet
2Mb / 1P
   ADDED TERMINAL POLARITY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com