Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG48S12UW2 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # RG48S12UW2
Description  4 - 1 Ultra Wide Input Voltage Range DIP and SMT Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RG48S12UW2 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  RG48S12UW2 Datasheet HTML 1Page - Wall Industries,Inc. RG48S12UW2 Datasheet HTML 2Page - Wall Industries,Inc. RG48S12UW2 Datasheet HTML 3Page - Wall Industries,Inc. RG48S12UW2 Datasheet HTML 4Page - Wall Industries,Inc. RG48S12UW2 Datasheet HTML 5Page - Wall Industries,Inc. RG48S12UW2 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev. A
RGUW2 Series
Single & Dual Outputs
4:1 Input Voltage Range
2 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/21/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 6
MODEL SELECTION TABLES
-To order surface mount version, add the suffix “S” to the model number (Ex: RG24S5UW2S).
-To order 3000VDC I/O isolation version, add the suffix “H” to the model number (Ex: RG24S5UW2H).
SINGLE OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Range
Output
Voltage
Min. Load
Full Load
No Load
(3)
Full Load
(2)
Output
(4)
Ripple & Noise
Output
Power
Efficiency
(4)
Maximum
(5)
Capacitive Load
RG12S3.3UW2
3.3 VDC
0mA
500mA
20mA
196mA
30mVp-p
1.65W
74%
3300µF
RG12S5UW2
5 VDC
0mA
400mA
20mA
217mA
30mVp-p
2W
81%
1680µF
RG12S9UW2
9 VDC
0mA
222mA
20mA
222mA
30mVp-p
2W
79%
1000µF
RG12S12UW2
12 VDC
0mA
167mA
20mA
217mA
30mVp-p
2W
81%
820µF
RG12S15UW2
12 VDC
(4.5 – 18 VDC)
15 VDC
0mA
134mA
20mA
209mA
30mVp-p
2W
84%
680µF
RG24S3.3UW2
3.3 VDC
0mA
500mA
10mA
98mA
30mVp-p
1.65W
74%
3300µF
RG24S5UW2
5 VDC
0mA
400mA
10mA
108mA
30mVp-p
2W
81%
1680µF
RG24S9UW2
9 VDC
0mA
222mA
10mA
111mA
30mVp-p
2W
79%
1000µF
RG24S12UW2
12 VDC
0mA
167mA
10mA
104mA
30mVp-p
2W
84%
820µF
RG24S15UW2
24 VDC
(9 – 36 VDC)
15 VDC
0mA
134mA
10mA
104mA
30mVp-p
2W
84%
680µF
RG48S3.3UW2
3.3 VDC
0mA
500mA
7mA
49mA
30mVp-p
1.65W
74%
3300µF
RG48S5UW2
5 VDC
0mA
400mA
7mA
54mA
30mVp-p
2W
81%
1680µF
RG48S9UW2
9 VDC
0mA
222mA
7mA
56mA
30mVp-p
2W
79%
1000µF
RG48S12UW2
12 VDC
0mA
167mA
7mA
54mA
30mVp-p
2W
82%
820µF
RG48S15UW2
48 VDC
(18 – 75 VDC)
15 VDC
0mA
134mA
7mA
54mA
30mVp-p
2W
82%
680µF
DUAL OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Range
Output
Voltage
Min. Load
Full Load
No Load
(3)
Full Load
(2)
Output
(4)
Ripple & Noise
Output
Power
Efficiency
(4)
Maximum
(5)
Capacitive Load
RG12D5UW2
±5 VDC
0mA
±200mA
25mA
225mA
30mVp-p
2W
78%
±1000µF
RG12D12UW2
±12 VDC
0mA
±83mA
25mA
211mA
30mVp-p
2W
83%
±470µF
RG12D15UW2
12 VDC
(4.5 – 18 VDC)
±15 VDC
0mA
±67mA
25mA
214mA
30mVp-p
2W
82%
±330µF
RG24D5UW2
±5 VDC
0mA
±200mA
10mA
113mA
30mVp-p
2W
78%
±1000µF
RG24D12UW2
±12 VDC
0mA
±83mA
10mA
104mA
30mVp-p
2W
84%
±470µF
RG24D15UW2
24 VDC
(9 – 36 VDC)
±15 VDC
0mA
±67mA
10mA
104mA
30mVp-p
2W
84%
±330µF
RG48D5UW2
±5 VDC
0mA
±200mA
7mA
56mA
30mVp-p
2W
78%
±1000µF
RG48D12UW2
±12 VDC
0mA
±83mA
7mA
53mA
30mVp-p
2W
83%
±470µF
RG48D15UW2
48 VDC
(18 – 75 VDC)
±15 VDC
0mA
±67mA
7mA
53mA
30mVp-p
2W
83%
±330µF


Similar Part No. - RG48S12UW2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RG48S12UW3 WALL-RG48S12UW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
More results

Similar Description - RG48S12UW2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RGW2 WALL-RGW2 Datasheet
252Kb / 6P
   2 - 1 Wide Input Voltage Range DIP and SMT Packages
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
logo
Recom International Pow...
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com