Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2845LDW16 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS2845LDW16
Description  Current Mode PWM Control Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2845LDW16 Datasheet(HTML) 5 Page - ON Semiconductor

  CS2845LDW16 Datasheet HTML 1Page - ON Semiconductor CS2845LDW16 Datasheet HTML 2Page - ON Semiconductor CS2845LDW16 Datasheet HTML 3Page - ON Semiconductor CS2845LDW16 Datasheet HTML 4Page - ON Semiconductor CS2845LDW16 Datasheet HTML 5Page - ON Semiconductor CS2845LDW16 Datasheet HTML 6Page - ON Semiconductor CS2845LDW16 Datasheet HTML 7Page - ON Semiconductor CS2845LDW16 Datasheet HTML 8Page - ON Semiconductor CS2845LDW16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS2844, CS3844, CS2845, CS3845
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (–25
° ≤ TA ≤ 85° for CS2844/2845, 0° ≤ TA ≤ 70° for CS3844/CS3845.
VCC = 15 V*; RT = 10 kΩ, CT = 3.3 nF for sawtooth mode; unless otherwise stated.)
CS2844
CS3844
CS2845/CS3845
Characteristic
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Undervoltage Lockout Section
Start Threshold
15
16
17
14.5
16
17.5
7.8
8.4
9.0
V
Min. Operating Voltage
After Turn On
9.0
10
11
8.5
10
11.5
7.0
7.6
8.2
V
*Adjust VCC above the start threshold before setting at 15 V.
PACKAGE PIN DESCRIPTION
Package Pin Number
DIP–8 & SO–8
SO–14
Symbol
Symbol
Description
1
1
3
COMP
Error amp output, used to compensate error amplifier.
2
3
4
VFB
Error amp inverting input.
3
5
5
Sense
Noninverting input to Current Sense Comparator.
4
7
6
OSC
Oscillator timing network with capacitor to ground, resistor to VREF.
5
9
11
GND
Ground.
8
10
Pwr GND
Output driver ground.
6
10
12
VOUT
Output drive pin.
11
13
VCC Pwr
Output driver positive supply.
7
12
14
VCC
Positive power supply.
8
14
15
VREF
Output of 5.0 V internal reference.
2, 4, 6, 13
1, 2, 7, 8,
9, 16
NC
No connection.
Figure 2. Test Circuit Open Loop Laboratory Test Fixture
VREF
VCC
VOUT
GND
COMP
VFB
Sense
OSC
0.1
µF
0.1
µF
RT
1.0 k
1.0 W
2N2222
100 k
VCC
VREF
VOUT
GND
A
5.0 k
Sense
ADJUST
CT
4.7 k
4.7 k
1.0 k
ERROR AMP
ADJUST


Similar Part No. - CS2845LDW16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS2845LDW16 CHERRY-CS2845LDW16 Datasheet
156Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results

Similar Description - CS2845LDW16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
ON Semiconductor
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
   Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
   Automotive Current Mode PWM Control Circuit
logo
ON Semiconductor
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
   Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com